Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673K Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # MPC5673K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 140Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 137 / 140 page
background image
Orderable parts
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
137
5
Orderable parts
6
Reference documents
1. Nexus (IEEE-ISTO 5001™—2008)
2. Measurement of emission of ICs—IEC 61967-2
3. Measurement of emission of ICs—IEC 61967-4
4. Measurement of immunity of ICs—IEC 62132-4
5. Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134 USA
(408) 943-6900
6. JEDEC specifications are available at http://www.jedec.org
Table 76. Orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
PPC5675KFMMSJ
2 MB/512 KB
473 MAPBGA (Pb free)
180
PPC5675KFMMMJ
2 MB/512 KB
257 MAPBGA (Pb free)
180
PPC5674KMMSJ
1.5 MB/384 KB
473 MAPBGA (Pb free)
180
PPC5674KMMMJ
1.5 MB/384 KB
257 MAPBGA (Pb free)
180
PPC5673KMMSJ
1 MB/256 KB
473 MAPBGA (Pb free)
150
PPC5673KFMMMJ
1 MB/256 KB
257 MAPBGA (Pb free)
150
MPC
F
Note: Not all options are available on all devices. See Table 76.
5675K
Qualification status
Core code
Device number
Device feature set
Device revision
Temperature range
V = –40 °C to 105 °C
Device revision
F0 = Fab and Mask
Operating frequency
1 = 150 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
F0 M
Temperature range
MM
Package identifier
3 R
Operating frequency
Tape and reel status
Device feature set
F=FlexRay
Package identifier
MM = 257 BGA
2 = 180 MHz
3 = 220 MHz
M = –40 °C to 125 °C
MS= 473 BGA
(ambient)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com