Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900844JVK Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # SC900844JVK
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC900844JVK Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button SC900844JVK Datasheet HTML 52Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 53Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 54Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 55Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 56Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 57Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 58Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 59Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
DETECTION THRESHOLDS
Table 23 summarizes the various detection thresholds between the different states:
POWER SUPPLIES
POWER MAP
Figure 22 is a power map of Freescale’s power management solution for Ultra-mobile platforms for Netbooks/ and tablet PC:
Figure 22. 900844 Power Map
Table 23. Power States Detection Thresholds
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage Cutoff Threshold
VBATOFF
2.2
-
2.4
V
Coin Cell Disconnect Threshold
VCOINOFF
1.8
-
2.0
V
Low input voltage Threshold
VLOWBAT
3.2
-
-
V
Valid input voltage Threshold
VTRKL
-
3.0
-
V
VPWR Rising Under-voltage Threshold
VPWRUVR
-
3.1
-
V
VPWR Falling Under-voltage Threshold
VPWRUVF
-
2.55
-
V
VCC (0.65V-1.2V)
Max Current
3500mA
VNN (0.65V-1.2V)
Max Current
1600mA
VDDQ (1.5V)
Max Current
1000mA
VBG (1.25V)
Max Current
2mA
VCCA (1.5V)
Max Current
75mA
V21 (2.1V)
Max Current
1035mA
VCC180 (1.8V)
Max Current
390mA
VPNL18 (1.8V)
Max Current
225mA
VCCPDDR (1.05V)
Max Current
60mA
VMM (1.2V)
Max Current
3mA
VCCPAOAC (1.05V)
Max Current
40mA
VCCP (1.05V)
Max Current
418mA
VAON (1.2V)
Max Current
250mA
V15 (1.5V)
Max Current
1185.8mA
VIMG25 (2.5V)
Max Current
80mA
VPMIC (1.8V)
Max Current
50mA
VIMG28 (2.8V)
Max Current
225mA
VPNL33 (3.3V)
Max Current
100mA
VSDIO
1.8V - LDO
207.5mA
VYMXYFI18
YFI - 1.8V
200mA
DC/DC
LDO
LDO
LDO
DC/DC
DC/DC
DC/DC
3.3V - Switch
207.5mA
YMX - 1.8V
200mA
LDO
LDO
LDO
LDO
LDO
LDO
LDO
LDO/Switch
LDO
LDO
Switch
LDO
DC/DC
INPUT POWER
POWER PATH
MANAGER
3.3 V
PVIN
VPWR
ADAPTER
Always on
OR
BATTERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com