Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2109 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 32Page - NXP Semiconductors LPC2109 Datasheet HTML 33Page - NXP Semiconductors LPC2109 Datasheet HTML 34Page - NXP Semiconductors LPC2109 Datasheet HTML 35Page - NXP Semiconductors LPC2109 Datasheet HTML 36Page - NXP Semiconductors LPC2109 Datasheet HTML 37Page - NXP Semiconductors LPC2109 Datasheet HTML 38Page - NXP Semiconductors LPC2109 Datasheet HTML 39Page - NXP Semiconductors LPC2109 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
LPC2109_2119_2129
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2011
36 of 46
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK⁄4;
core voltage 1.8 V; all peripherals disabled.
Fig 15. Typical LPC2109/01, LPC2119/01, and LPC2129/01 IDD(act) measured at different temperatures
002aad137
25
15
35
45
IDD(act)
(mA)
5
temperature (
°C)
−40
85
60
10
35
−15
60 MHz
48 MHz
12 MHz
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK⁄4;
core voltage 1.8 V; all peripherals disabled.
Fig 16. Typical LPC2109/01, LPC2119/01, and LPC2129/01 IDD(idle) measured at different temperatures
002aad138
3
4
2
5
6
IDD(idle)
(mA)
1
temperature (
°C)
−40
85
60
10
35
−15
60 MHz
48 MHz
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com