Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3 Datasheet(PDF) 1 Page - GREATECS

Part # DF3
Description  Horizontal SMT Detector Switches with Side Stem
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DF3 Datasheet(HTML) 1 Page - GREATECS

  DF3 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Detector Switches
Horizontal SMT Detector Switches with Side Stem
DF3 Series
General Specifications:
MATERIALS
» Contact: Stainless Steel With Silver/Gold Plated
» Terminal: Brass With Silver/Gold Plated
MECHANICAL
» Operation Force: 50 gf max.
» Operation Temperature: -10°C to +60°C
» Storage Temperature:
-20°C to +70°C
ELECTRICAL
» Electrical Life: 100,000 cycles
» Rating: 1mA, 5VDC
» Contact Resistance: 2
Ω max
SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering, the peak
temperature or the reflow oven should be set to 260°C max.
How to order:
CIRCUIT DIAGRAM:
1
See above drawings
2
See above drawings
POST:
N
Without Post
P
With Post
PACKAGE STYLE:
TR
Tape & Reel
1
2
DF3
1
2
3
sales@greatecs.com
www.greatecs.com
General Tolerance: ± 0.2 mm
Temperature Profile:
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
4
See above drawings
3
CONTACT MATERIAL:
AG
Silver Plating
AU
Gold Plating
3
4
CIRCUIT DIAGRAM
TAPE & REEL PACKAGING
1
2
3
P.C.B LAYOUT
SECTION B
SECTION A
» Cover: Stainless Steel
» Base & Stem: UL94V-0Nylon High-Temp Thermoplastic
» Spring: Piano Wire
» Insulation Resistance: 100M
Ω min
» Dielectric Strength: 100VAC / 1 minute
» Hand Soldering: use a soldering iron of 30 watts, controlled at
350°C approximately max 5 seconds while applying.


Similar Part No. - DF3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Herga Technology
DF3 HERGA-DF3 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
Hirose Electric
DF3-*S-2R26(**) HIROSE-DF3-*S-2R26(**) Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-*S-2R28(**) HIROSE-DF3-*S-2R28(**) Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Herga Technology
DF3-03 HERGA-DF3-03 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
More results

Similar Description - DF3

ManufacturerPart #DatasheetDescription
logo
GREATECS
DF2 GREATECS-DF2 Datasheet
196Kb / 1P
Horizontal SMT Detector Switches with Side Stem
logo
E-SWITCH
900 E-SWITCH-900_1 Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
DETECTOR SWITCHES
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
logo
Panasonic Semiconductor
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
2NV Detector Switches
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
2W Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
1HL Detector Switches
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
1VL Detector Switches
logo
E-SWITCH
900AGQ E-SWITCH-900AGQ Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com