Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2RN Datasheet(PDF) 1 Page - GREATECS

Part # DF2RN
Description  Horizontal SMT Detector Switches with Side Stem
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DF2RN Datasheet(HTML) 1 Page - GREATECS

  DF2RN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Detector Switches
Horizontal SMT Detector Switches with Side Stem
DF2 Series
DF2LG Left Side Operating, with Ground Terminal
General Specifications:
FEATURES
» Compact detector switch with smooth switching action
» Side operating direction stem
» Surface Mounting Type in tape & reel package
MATERIALS
» Contact: Stainless steel with silver plated
» Terminal: Brass with silver plated
MECHANICAL
» Operation Force: 40 gf max.
» Stroke: 2.15 mm max
» Operation Temperature: -10°C to +60°C
» Storage Temperature:
-20°C to +70°C
ELECTRICAL
» Electrical Life: 50,000 cycles
» Rating: 50mA, 20VDC
» Circuit Arrangement: 1 pole 1 throw
SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering, the peak
temperature or the reflow oven should be set to 260°C max.
10 sec. max.
How to order:
OPERATING DIRECTION:
L
Left Side
R
Right Side
GROUND TERMINAL:
N Without Ground Terminal (Standard)
G With Ground Terminal
PACKAGE STYLE:
TR Tape & Reel
1
2
3
DF2
1
2
3
sales@greatecs.com
www.greatecs.com
DF2RG Right Side Operating, with Ground Terminal
Ø1.00±0.05
6.00
DF2RN Right Side Operating, without Ground Terminal
DF2LN Left Side Operating, without Ground Terminal
Ø1.00±0.05
6.00
Ø 1.00 ± 0.05
6.00
2
+0.2
-0.1
Vertical
Control Direction
R0.2
R3.80
Horizontal Direction
“ON“ Starting Position
Horizontal
Control Direction
0.26
1.50
7.45
1
1.90
0.90
1.45
3.50
1.20
A
9.00
5.60
1.10
1.70
5.30
Ø1.30
P.C.B. LAYOUT
9.00
5.60
1.10
1.70
5.30
Ø 1.30
P.C.B. LAYOUT
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
Vertical
Control Direction
Horizontal Direction
“ON“ Starting Position
Horizontal
Control Direction
R0.2
R3.80
0.26
1.50
5.50
1
A
2
+0.2
-0.1
0.90
1.45
1.90
3.50
1.20
1.00
Horizontal Direction
“ON“ Starting Position
Horizontal
Control Direction
Vertical
Control Direction
0.26
1.50
R0.2
R3.8
1.00
7.45
A
2
+0.2
-0.1
1.90
0.90
1.45
3.50
1.20
1.00
Ø1.00±0.05
6.00
Vertical
Control Direction
Horizontal Direction
“ON“ Starting Position
Horizontal
Control Direction
5.50
0.26
1.50
1
A
3.50
1.20
2
+0.2
-0.1
1.90
0.90
1.45
1.00
1.00
Ø1.10
1.10
1.70
5.30
Ø1.30
P.C.B. LAYOUT
+0.1
-0
Ø1.10
1.10
1.70
5.30
Ø1.30
P.C.B. LAYOUT
+0.1
-0
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
General Tolerance: ± 0.2 mm
G02


Similar Part No. - DF2RN

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DF2-09PM-MG YAMAICHI-DF2-09PM-MG Datasheet
40Kb / 1P
IDC Type (Male / Female)
DF2-09PM-MN YAMAICHI-DF2-09PM-MN Datasheet
40Kb / 1P
IDC Type (Male / Female)
DF2-09PM-PG YAMAICHI-DF2-09PM-PG Datasheet
40Kb / 1P
IDC Type (Male / Female)
DF2-09PM-PN YAMAICHI-DF2-09PM-PN Datasheet
40Kb / 1P
IDC Type (Male / Female)
DF2-09SM-MG YAMAICHI-DF2-09SM-MG Datasheet
40Kb / 1P
IDC Type (Male / Female)
More results

Similar Description - DF2RN

ManufacturerPart #DatasheetDescription
logo
GREATECS
DF3 GREATECS-DF3 Datasheet
153Kb / 1P
Horizontal SMT Detector Switches with Side Stem
logo
E-SWITCH
900 E-SWITCH-900_1 Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
DETECTOR SWITCHES
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
logo
Panasonic Semiconductor
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
2NV Detector Switches
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
2W Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
1HL Detector Switches
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
1VL Detector Switches
logo
E-SWITCH
900AGQ E-SWITCH-900AGQ Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com