Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD1LIN
Description  LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1LIN Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD1LIN Datasheet HTML 1Page - NXP Semiconductors PESD1LIN Datasheet HTML 2Page - NXP Semiconductors PESD1LIN Datasheet HTML 3Page - NXP Semiconductors PESD1LIN Datasheet HTML 4Page - NXP Semiconductors PESD1LIN Datasheet HTML 5Page - NXP Semiconductors PESD1LIN Datasheet HTML 6Page - NXP Semiconductors PESD1LIN Datasheet HTML 7Page - NXP Semiconductors PESD1LIN Datasheet HTML 8Page - NXP Semiconductors PESD1LIN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PESD1LIN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 31 May 2011
2 of 12
NXP Semiconductors
PESD1LIN
LIN-bus ESD protection diode
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1 (15 V)
2
cathode 2 (24 V)
2
1
006aab041
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD1LIN
SC-76
plastic surface-mounted package; 2 leads
SOD323
Table 4.
Marking codes
Type number
Marking code
PESD1LIN
AM
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPP
peak pulse power
tp =8/20 s
[1] -160
W
IPP
peak pulse current
tp =8/20 s
[1] -3
A
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com