Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3904CSM
Description  GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3904CSM Datasheet(HTML) 1 Page - Seme LAB

  2N3904CSM Datasheet HTML 1Page - Seme LAB 2N3904CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3904CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
LAB
SEME
GENERAL PURPOSE
NPN TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
Hermetically sealed surface mount version
of the popular 2N3904 for high reliability /
space applications requiring small size
and low weight devices.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation
@ TA =25°C
Derate above 25°C
RθJA
Thermal Resistance Junction – Ambient
TSTG , TJ
Operating and Storage Temperature Range
60V
40V
6V
200mA
500mW
2.86mW / °C
350°C/W
–55 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - 2N3904CSM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
30Kb / 1P
Laser Marking
logo
Nanjing International G...
2N3904CJ DGNJDZ-2N3904CJ Datasheet
675Kb / 2P
NPN silicon epitaxial planar transistor for switching and Amplifier applications
logo
KEC(Korea Electronics)
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
Laser Marking
More results

Similar Description - 2N3904CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2484CSM SEME-LAB-2N2484CSM Datasheet
20Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019CSM SEME-LAB-2N3019CSM Datasheet
19Kb / 2P
HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N930CSM SEME-LAB-2N930CSM Datasheet
20Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX19CSM4 SEME-LAB-BCX19CSM4 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FMMT42CSM SEME-LAB-FMMT42CSM_03 Datasheet
19Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com