Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4393CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4393CSM
Description  SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4393CSM Datasheet(HTML) 2 Page - Seme LAB

  2N4393CSM Datasheet HTML 1Page - Seme LAB 2N4393CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 5/94
2N4393CSM
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
VDS = 0V
IG = –1µA
VDS = 15V
ID = 10nA
VDS = 20V
VGS = 0V
VGS = –5V
VDS = 0V
Tamb = 125°C
VDG = 10V
VGS = –10V
VDS = 10V
VGS = –10V
Tamb = 125°C
VGS = 0V
ID = 3mA
VGS = 0V
ID = 1mA
VGS = 0V
ID = 0mA
f = 1kHz
VDS = 20V
VGS = 0V
f = 1MHz
VDS = 0V
VGS = –5V
f = 1MHz
VDG = 10V
ID = 10mA
f = 1kHz
V(BR)GSS Gate – Source Breakdown Voltage
VGSS(off)
Gate – Source Cut–off Voltage
IDSS*
Saturation Current
IGSS
Gate Reverse Current
ID(off)
Drain Cut–off Current
VDS(on)
Drain – Source On Voltage
RDS(on)
Drain – Source On Resistance
RDS(on)
Drain – Source On Resistance
CISS
Common – Source Input Capacitance
Common – Source Reverse Transfer
CRSS
Capacitance
_
en
Equivalent Input Noise Voltage
–35
–55
–0.5
–3
5
–5
–100
–3
–200
5
100
3
200
0.25
0.4
100
100
13
16
4
5
3.0
V
mA
pA
nA
pA
nA
V
Ω
Ω
pF
pF
nV
√Hz
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com