Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX3 Datasheet(PDF) 1 Page - GREATECS

Part # DX3
Description  Tri-State Slide Type DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX3 Datasheet(HTML) 1 Page - GREATECS

  DX3 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Switches
Half Pitch SMT DIP Switches
DX4 Series
DX4N08 2.3 mm high, 8 positions
DX4L 1.4 mm high, 8.1 mm pinning
DX4K 1.4 mm high, 6.7 mm pinning
General Specifications:
MATERIALS
» Contact: Alloy Copper with gold plated
» Terminal: Brass with gold plated
MECHANICAL
» Mechanical Life: 2000 cycles per switch (DX4N)
1000 cycles per switch (DX4L & DX4K)
» Operation Force: 600 gf max. (DX4N)
500 gf max. (DX4L & DX4K)
» Stroke: 0.6 mm
» Operation Temperature: -20°C to +70°C (DX4N)
-40°C to +85°C (DX4L & DX4K)
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Electrical Life: 2000 cycles per 24VDC, 25mA (DX4N)
1000 cycles per 24VDC, 25mA (DX4L & DX4K)
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 25mA, 24VDC
» Circuit: Single pole single throw
LEADFREE SOLDERING PROCESSES
» Soldering: Vapor phase & IR-reflow soldering can be
applied (260°C max. 10 seconds).
DX4
How to order:
1
2
3
4
5
6
sales@greatecs.com
www.greatecs.com
1.27 x (8 - 1) + 2.67
0.40
8.89
1.27
8.0 ± 0.30
6.52 ± 0.25
0.6 ± 0.2
0°~10°
1.27 PITCH
0.40
4.50 ± 0.05
5.30
0.60 ± 0.10
8.10
0°~10°
1.27 x (N - 1)
1.27 PITCH
0.76
P.C.B. LAYOUT
1.27 x (8 - 1)
1.27
0.76
P.C.B. LAYOUT
1.27 x (N - 1) + 2.50
0.40
1.27 PITCH
6.70
4.50
0.60
0°~10°
P.C.B. LAYOUT
1.27 x (N - 1)
1.27 PITCH
0.76
SHEMATIC (TYP.)
1.27 x (N - 1) + 2.50
SHEMATIC (TYP.)
SHEMATIC (TYP.)
N = No. of positions
General Tolerance: ± 0.2 mm
N
L
K
02
04
06
08
10
N
A
HEIGHT & PINNING:
2.3 mm high
1.4 mm high, 8.1 mm pinning
1.4 mm high, 6.7 mm pinning
NO. OF POSITIONS:
2 Positions (DX4L & DX4K Only)
4 Positions (DX4L & DX4K Only)
6 Positions (DX4L & DX4K Only)
8 Positions
10 Positions (DX4L & DX4K Only)
GOLD PLATING
(Only for DX4L & DX4K):
Gold 3u“ Min. plated (Standard)
Gold 10u“ Min. plated
1
0
N
T
TB
TR
ON/OFF-POSITION
(Only for DX4L & DX4K):
In ON Position (Standard)
In OFF Position
SEAL:
Regular (Standard)
Top Tape Sealed
PACKAGE STYLE:
Tube
Tape & Reel
6
1
2
3
4
5
F04
DIP Switches
Tri-State Slide Type DIP Switches
DX3 Series
DX3N Standard THT Terminals
DX3H Low Profile THT Terminals
TYPE OF DIP-SWITCH:
N Standard THT Tri-State DIP Switch
S
Low Profile SMT Tri-State DIP Switch
H Low Profile THT Tri-State DIP Switch
ACTUATOR TYPE:
RA Raised Actuator
RC Recessed Actuator
(Only DX3S & DX3H)
NO. OF POSITIONS:
04 4 Positions
06 6 Positions
(Only DX3S & DX3H)
08 8 Positions
09 9 Positions
10 10 Positions
General Specifications:
FEATURES
» Setting ( +, 0, - ) function, much more security code options
MATERIALS
» Contact: Alloy copper with gold plated
» Terminal: Brass with tin plated (DX3N)
Brass with gold plated (DX3S & DX3H)
MECHANICAL
» Mechanical Life: 2,000 operations per switch
» Operation Force: 1,000 gf max.
» Stroke: 1.0 mm (DX3N Series); 0.8 mm (DX3S & DX3H)
» Operation Temperature: -20°C to +70°C (DX3N)
-20°C to +85°C (DX3S & DX3H)
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Electrical Life: 2,000 cycles
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 25mA, 24VDC
» Circuit: 3 switching positions
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature at 260°C max. 5 seconds
» Reflow Soldering: When applying reflow soldering, the peak temperature of the
reflow oven should be set to 260°C, max. 10 seconds.
DX3
How to order:
1
2
3
SEAL:
N No Tape (Standard)
T Top Tape Sealed
(Only DX3SRC & DX3HRC)
PACKAGE STYLE:
TB Tube
TR Tape & Reel (Only DX3S)
4
5
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
2.54 x (N - 1) + 6.52
2.54 x (N - 1)
2.54 TYP.
0.50
1.10
DX3NRA
1.30
0.25 ± 0.05
6.50 ± 0.50
7.62 ± 0.50
1.85
2.54
2.54 x (N - 1) + 3.7
2.54 x (N - 1)
0.50
2.54 x (N - 1) ± 0.10
2.54
Ø 0.80
P.C.B. LAYOUT
2.54 x (N - 1) + 3.7
2.54 x (N - 1)
1.85
2.54
2.54 x (N - 1) ± 0.10
2.54
1.10
P.C.B. LAYOUT
7.62
DX3HRA
9.80
0.60
DX3SRA
CIRCUIT DIAGRAM
2.54 x (N - 1) ± 0.10
Ø0.80 ± 0.05
P.C.B. LAYOUT
N = No. of positions
General Tolerance: ± 0.2 mm
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
DX3S Low Profile SMT Terminals
F03


Similar Part No. - DX3

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DX3-2013-23-1006 DURAKOOL-DX3-2013-23-1006 Datasheet
2Mb / 6P
Industrial Plug-in Relay
DX3-2013-23-1006-WTL DURAKOOL-DX3-2013-23-1006-WTL Datasheet
2Mb / 6P
Industrial Plug-in Relay
DX3-2013-23-1012 DURAKOOL-DX3-2013-23-1012 Datasheet
2Mb / 6P
Industrial Plug-in Relay
DX3-2013-23-1012-WTL DURAKOOL-DX3-2013-23-1012-WTL Datasheet
2Mb / 6P
Industrial Plug-in Relay
DX3-2013-23-1024 DURAKOOL-DX3-2013-23-1024 Datasheet
2Mb / 6P
Industrial Plug-in Relay
More results

Similar Description - DX3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC158 ETC-HC158 Datasheet
52Kb / 1P
8 PIN DIP HCMOS WITH TRI - STATE
CHS-06TA1 ETC1-CHS-06TA1 Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
SLIDE TYPE DIP SWITCH
logo
Connor-Winfield Corpora...
H61RA CONNOR-WINFIELD-H61RA Datasheet
64Kb / 1P
8 PIN DIP HCMOS WITH TRI-STATE
H524RA CONNOR-WINFIELD-H524RA Datasheet
56Kb / 1P
8 PIN DIP HCMOS WITH TRI-STATE
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
DIP Switch (Slide Type)
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
SLIDE DIP SWITCHES
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com