Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS740IPW Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16IS740IPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740IPW Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16IS740IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 31Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 32Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 33Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 34Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 35Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 36Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
SC16IS740_750_760
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
33 of 63
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.16 Receiver FIFO Level register (RXLVL)
This register is a read-only register, it reports the fill level of the receive FIFO. That is, the
number of characters in the RX FIFO.
8.17 Programmable I/O pins Direction register (IODir)
This register is only available on the SC16IS750 and SC16IS760. This register is used to
program the I/O pins direction. Bit 0 to bit 7 controls GPIO0 to GPIO7.
Remark: If there is a pending input (GPIO) interrupt and IODir is written, this pending
interrupt will be cleared, that is, the interrupt signal will be negated.
8.18 Programmable I/O pins State Register (IOState)
This register is only available on the SC16IS750 and SC16IS760. When ‘read’, this
register returns the actual state of all I/O pins. When ‘write’, each register bit will be
transferred to the corresponding IO pin programmed as output.
8.19 I/O Interrupt Enable Register (IOIntEna)
This register is only available on the SC16IS750 and SC16IS760. This register enables
the interrupt due to a change in the I/O configured as inputs. If GPIO[7:4] are programmed
as modem pins, their interrupt generation must be enabled via IER register bit 3. In this
case bit 7 to bit 4 of IOIntEna will have no effect on GPIO[7:4].
Table 26.
Receiver FIFO Level register bits description
Bit
Symbol
Description
7
-
not used; set to zeros
6:0
RXLVL[6:0]
number of characters stored in RX FIFO, from 0 (0x00) to 64 (0x40)
Table 27.
IODir register bits description
Bit
Symbol
Description
7:0
IODir
set GPIO pins [7:0] to input or output
0 = input
1 = output
Table 28.
IOState register bits description
Bit
Symbol
Description
7:0
IOState
Write this register:
set the logic level on the output pins
0 = set output pin to zero
1 = set output pin to one
Read this register:
return states of all pins
Table 29.
IOIntEna register bits description
Bit
Symbol
Description
7:0
IOIntEna
input interrupt enable
0 = a change in the input pin will not generate an interrupt
1 = a change in the input will generate an interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com