Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX48 Datasheet(PDF) 2 Page - GREATECS

Part # DX48
Description  SMT Half Pitch Type DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX48 Datasheet(HTML) 2 Page - GREATECS

  DX48 Datasheet HTML 1Page - GREATECS DX48 Datasheet HTML 2Page - GREATECS DX48 Datasheet HTML 3Page - GREATECS DX48 Datasheet HTML 4Page - GREATECS DX48 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIP Switches
SMT Half Pitch Type DIP Switches
DX48 Series
sales@greatecs.com
www.greatecs.com
2
1.
Style:
This specification describes "SMT HALF PITCH TYPE DIP SWITCHES”
mainly used as signal switch of electric devices, with the general
requirements of mechanical and electrical characteristics.
1.1 Operating Temperature Range : -40
~+85
1.2 Storage Temperature Range
:-40
~+85
2.
Current Range:
2.1 Non-Switching: 100mA, 50V DC
2.2 Switching: 25mA, 24V DC
3.
Type of Actuation: Actuated by sliding
4.
Test Sequence:
ITEM DESCRIPTION
TEST CONDITIONS
REQUIREMENTS
1. Visual
Examination
By visual examination check without
any out pressure & testing.
There shall be no
defects that affect the
serviceability of the
product.
2. Contact
Resistance
1)To be measured between the two
terminals associated with each
switch pole.
2)Measurements shall be made with
a 1 kHz shall current contact
resistance meter.
100m
max. (initial)
3. Insulation
Resistance
500 V DC , 1 minute±5 sec.
100M
min
4.
Dielectric
withstanding
Voltage
300 V AC (50Hz or 60 Hz) shall be
applied between all the adjacent
terminals and between the terminal
and the frame for 1 minute.
There shall be no
breakdown or flashover.
5. Capacitance
1MHz±10kHz
5 pF max.
SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com