Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX48HS Datasheet(PDF) 5 Page - GREATECS

Part # DX48HS
Description  SMT Half Pitch Type Halogen-Free DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX48HS Datasheet(HTML) 5 Page - GREATECS

  DX48HS Datasheet HTML 1Page - GREATECS DX48HS Datasheet HTML 2Page - GREATECS DX48HS Datasheet HTML 3Page - GREATECS DX48HS Datasheet HTML 4Page - GREATECS DX48HS Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DIP Switches
SMT Half Pitch Type Halogen-Free DIP Switches
DX48H Series
sales@greatecs.com
www.greatecs.com
5
5.
SOLDERING CONDITIONS:
Condition for Soldering
The condition mentioned above is the temperature on the Cu foil of the PCB surface.
There are cases where board's temperature greatly differs from switch's surface
temperature depending on board's material, size, thickness, etc.
Care, therefore,
should be used not to allow switch's surface temperature to exceed 260
.
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
Manual Soldering
Max,350
Soldering Temperature
Continuous Soldering Time
Max,5 seconds
Precautions in Handling
1. Care should be exercised so that flux from the upper part of the printed circuit board
does not adhere to the switch.
2. Don’t clean the switch body except with top tape sealed type, which can only spray of
cleaning method from top of s/w.
3. Slide the DX48 actuator from
Z axial direction with in 30°~120°of max 300 gf / 10
sec operation.
30°~12
4. The suggest tool for actuator adjust is as below. ( example for 4 position )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com