Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G12JVCF Datasheet(PDF) 2 Page - GREATECS

Part # G12JVCF
Description  Ultra-Miniature Fully Illuminated Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

G12JVCF Datasheet(HTML) 2 Page - GREATECS

  G12JVCF Datasheet HTML 1Page - GREATECS G12JVCF Datasheet HTML 2Page - GREATECS G12JVCF Datasheet HTML 3Page - GREATECS G12JVCF Datasheet HTML 4Page - GREATECS G12JVCF Datasheet HTML 5Page - GREATECS G12JVCF Datasheet HTML 6Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Illuminated Switches
Subminiature Fully Illuminated Toggle Switches
B Series
B12JJPC Straight PC
General Specifications:
ELECTRICAL CAPACITY (Resistive Load)
» Logic Level: 0.4VA max.@28V AC/DC max.
(Applicable Range 0.1mA~0.1A@20mV~28V)
OTHER RATINGS:
» Contact Resistance: 50m
Ω max.
» Insulation Resistance: 500M
Ω min.@500VDC
» Mechanical Life: 100,000 operations min.
» Electrical Life: 50,000 operations min.
» Norminal Operating Force: 1.18N
» Contact Timing: Nonshorting (break-before-make)
» Angle of Throw: 26°
MATERIALS
» Movable Contacts: Phosphor bronze with gold
plating
» Stationary Contacts: Brass with tin plating
» Terminals: Brass with gold plating
ENVIRONMENTAL DATA
» Operating Temperature: -25°C through +55°C
PCB PROCESSING
» Soldering: Wave soldering recommended.
Manual Soldering 4 sec. max. @ 390°C max.
B
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
B13JJVCF Vertical PC
5
1
2
3
JJ
POLES:
SPDT
CIRCUITS:
ON-NONE-ON (Combines with single color
or bicolor LEDs)
ON-OFF-ON (Combines with bicolor LED only)
ACTUATOR & BUSHING:
Clear Actuator & Clear Bushing
P
H
V
C
D
F
CF
PC TERMINALS:
Straight
Right Angle
Vertical
LEDS:
Red (Single Color, ON-NONE-ON only)
Amber (Single Color, ON-NONE-ON only)
Green (Single Color, ON-NONE-ON only)
Red/Green (Bicolor, ON-NONE-ON & ON-
OFF-ON)
1
2
3
4
5
B13JJHCF Right Angle PC
POLE &
CIRCUITS
Toggle Position
Connected Terminals
Throw & Schematics
Pole &
Throw Model
Up
Center
Down
Up
Center
Down
Note: Terminal numbers are not actually
on the switch. LED circuit is isolated and
requires an external power source.
SPDT
B12
B13
ON
ON
NONE
OFF
ON
ON
2-1
2-1
NONE
OPEN
2-3
2-3
Single Color
Bicolor
CLEAR TOGGLE
CLEAR BUSHING
Colors
C
Red
D
Amber
F
Green
CF
Red/Green
Forward Peak Current
I
FM
30mA
30mA
20mA
30mA/20mA
Continuous Forward Current
I
F
20mA
20mA
10mA
20mA/10mA
Forward Voltage
V
F
1.9V
1.9V
3.4V
1.9V/3.4V
Reverse Peak Voltage
V
RM
5V
5V
5V
5V/5V
Current Reduction Rate Above 25°C
∆I
F
0.43mA/°C
0.43mA/°C
0.28mA/°C
0.43mA/°C
/ 0.28mA/°C
Ambient Temperature Range
-25°C ~ +55°C
LED COLORS & SPECIFICATIONS
Terminal 4 is a support pin on single color models.
Terminal 4 is a support pin on single color models.
Terminal 4 is a support pin on single color models.
26°
0.6 Dia Typ
2.54 Typ
8.8
3
2 1
4
5
6
16.42
3.1
0.5
2.54
1.9 Dia
2.7
0.4
5.08
6.3
Slot
8.8
5.08
1
2
3
4
5
6
26°
1.9 Dia
0.6 Dia Typ
2.54 Typ
3.1
13.1
6.3
3.5
0.8
6.0 Dia
Slot
8.8
0.6 Dia Typ
5.08
8.8
1
2
6
4
5
3
18.96
3.1
0.5 Typ
2.54 Typ
2.7
0.4
5.08
6.3
26°
1.9 Dia
0.6 Typ
6.0 Dia
5.08
8.8
Slot
1
4
6
3
2.54
0.8 Dia Typ
2.54 Typ
5.08
5
2
(5)
(6)
(5)
(4) Red
(6) Green
0.8 Dia Typ
6
4
5
2
3
1
2.54 Typ
5.08
2 (COM)
3
1
26°
1.9 Dia
3.5
6.3
Slot
6
4
5
2
3
1
2.54 Typ
0.8 Dia Typ
5.08
5.08
0.6 Typ
6.0 Dia
5.08
8.8
CUTAWAY
Slot
J01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com