Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS01BCCF Datasheet(PDF) 1 Page - GREATECS

Part # IS01BCCF
Description  LC-Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS01BCCF Datasheet(HTML) 1 Page - GREATECS

  IS01BCCF Datasheet HTML 1Page - GREATECS IS01BCCF Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LCD Switches
LC-Display
IS01 Series
sales@greatecs.com
www.greatecs.com
Programmable to display graphics, alphanumeric characters and animated sequences.
LC-Displays can be used alone or in conjunction with electromechanical switches.
Integrated liquid crystal display provides wide viewing angle with high contrast and clarity.
Built-in single or bicolor LED backlighting enhances display and enables multifunctional uses.
RGB LED provides numerous color variations.
Viewing area 13.9mm x 10.6mm (horizontal x vertical) at 36 x 24 pixels.
IS01BCE
with Yellow LCD Mode
SUPER BRIGHT LED BACKLIGHTING
Part Number
Terminals
LCD Mode
LED Color
IS01BCCF
Straight PC
Yellow
STN Positive
Red/Green
IS01BCE
Yellow
IS01BCEF
Yellow/Green
*
* Simultaneous illumination of both colors achieves third color.
*
IS01BFRGB
with RGB LED Option and Black
and White LCD Mode
RGB LED BACKLIGHTING
Part Number
Terminals
LCD Mode
LED Color
IS01BFRGB
Straight PC
Black & White
FSTN Positive
Red/Green/Blue
**
** Simultaneous RGB illumination achieves infinite colors.
GENERAL SPECIFICATIONS OF LCD
Display Operation Mode
STN positive or FSTN positive
Display Condition
Transflective with built-in LED backlight
Viewing Angle
Adjustable
Driving Method
1/24 duty. 1/5 bias (built-in driving circuit)
Viewing Area
13.9mm x 10.6mm (horizontal x vertical)
Pixel Format
36 x 24 dots (horizontal x vertical)
Pixel Size
0.32mm x 0.32mm (horizontal x vertical)
Operating Temperature Range
0°C through 40°C
Storage Temperature Range
-10°C through 60°C
Backlight LED
Single Color: yellow; Bicolor: red/green, yellow/green; RGB: red/green/blue


Similar Part No. - IS01BCCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
433 MHz Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS01B305111 TAOGLAS-IS01B305111 Datasheet
933Kb / 15P
433 MHz Heavy Duty Screw Mount Antenna
More results

Similar Description - IS01BCCF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7981 SANYO-LC7981 Datasheet
386Kb / 19P
Controller for the LC Dot Matrix Graphic Display?
logo
ams AG
AS2590 AMSCO-AS2590 Datasheet
78Kb / 12P
LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
LC FILTER
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
LC-to-LC, Multimode
logo
Pasternack Enterprises,...
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
LC Female to LC Female Adapter
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
LC Male to LC Male Adapter
logo
Tripp Lite. All Rights ...
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
N455000S TRIPPLITE-N455000S Datasheet
481Kb / 2P
Duplex Singlemode Fiber Coupler (LC-LC)
N455-000 TRIPPLITE-N455-000 Datasheet
155Kb / 2P
Duplex Multimode Fiber Coupler (LC/LC)
N455-000-S TRIPPLITE-N455-000-S Datasheet
155Kb / 2P
Duplex Singlemode Fiber Coupler (LC/LC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com