Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS15ABDP4B Datasheet(PDF) 2 Page - GREATECS

Part # IS15ABDP4B
Description  Programmable LCD Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15ABDP4B Datasheet(HTML) 2 Page - GREATECS

  IS15ABDP4B Datasheet HTML 1Page - GREATECS IS15ABDP4B Datasheet HTML 2Page - GREATECS IS15ABDP4B Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD Switches
Programmable LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
Circuit
SPST normally open
Electrical Capacity (Resistive Load)
100mA@12VDC
Contact Resistance
200 milliohms max. @ 20 mV 10mA
Insulation Resistance
100 megaohms min. @ 100VDC
Dielectric Strength
125VAC for 1 minute min.
Mechanical Endurance
1,000,000 operations min.
Electrical Endurance
1,000,000 operations min.
Operating Force
2.2 ± 0.5 Newtons
Total Travel
1.8mm
Operating Temperature Range
0°C ~ +40°; contact factory for wide temperature range options
Storage Temperature Range
-10°C ~ +60°C; contact factory for wide temperature range options
GENERAL SPECIFICATIONS OF SWITCH
GENERAL SPECIFICATIONS OF DISPLAY
Display Operation Mode
STN positive, STN negative, FSTN positive
Display Condition
Transflective with built-in LED backlight
Viewing Angle
Adjustable
Driving Method
1/24 duty. 1/5 bias (built-in driving circuit)
Viewing Area
15.0mm x 10.8mm (horizontal x vertical)
Pixel Format
36 x 24 dots (horizontal x vertical)
Pixel Size
0.36mm x 0.36mm (horizontal x vertical)
Backlight LED
Single color: yellow, white
Bicolor: red/green, yellow/green, yellow/blue
RGB: red/green/blue
TYPICAL SWITCH DIMENSIONS WITH SINGLE OR BICOLOR LEDS
7.62
17.78
1.25 Typ
12.5
2.5
12.7
17.78
7.62
17.78
12.5
11
7
9
5
3
12
8
10
6
4
13
2.5
1.25 Typ
1
2
17.78
12.7
13x 0.8
1.0 Dia
~
2x 0.9 Dia
Landless
See Standoff
Detail
0.6 Typ
10.5
12.5
2.5
3.2
2.8
16.0
23.13
20.59
13.5
10.8
See Pixel Detail
15.0
Part No.
9.33
14.01
0.36 Sq
0.03 Typ
0.75 Dia
1.8 Dia
0.6
0.3
See Standoff
Detail
0.6 Typ
10.5
12.5
2.5
3.2
2.8
16.0
23.13
20.59
13.5
10.8
See Pixel Detail
15.0
Part No.
9.33
14.01
12.7
7.62
17.78
13.75
1.25 Typ
17.78
2.5
1
2
13.75
1.25
17.78
2.5
7.62
17.78
12.7
Typ
12
8
10
6
4
13
9
11
7
5
14
1
2
3
2x 0.9 Dia
Landless
14x 0.8
1.0 Dia
~
TYPICAL SWITCH DIMENSIONS WITH RGB LED
PIXEL DETAIL
STANDOFF DETAIL
Terminal numbers are not on the switch
Footprint
Terminal numbers are not on the switch
Footprint
K02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com