Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2015T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2015T
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2015T Datasheet HTML 9Page - NXP Semiconductors UBA2015T Datasheet HTML 10Page - NXP Semiconductors UBA2015T Datasheet HTML 11Page - NXP Semiconductors UBA2015T Datasheet HTML 12Page - NXP Semiconductors UBA2015T Datasheet HTML 13Page - NXP Semiconductors UBA2015T Datasheet HTML 14Page - NXP Semiconductors UBA2015T Datasheet HTML 15Page - NXP Semiconductors UBA2015T Datasheet HTML 16Page - NXP Semiconductors UBA2015T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
13 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
(1) Lamp voltage when lamp is off (not ignited yet).
(2) Lamp current when lamp is on.
Fig 10. Resonance curve application with UBA2015A
(1) Lamp voltage when lamp is off (not ignited yet).
(2) Lamp current when lamp is on.
Fig 11. Resonance curve application with UBA2016A
001aan202
E
D
H
B
A
C
(1)
(2)
fsw(high)
fsw(ph)
f
(1)Vlamp
(2)Ilamp
fsw(dim)
fsw(ign)
fsw(reg)
fsw(low)
Vign
Ilamp(nominal)
G
(1)
F
E
D
H
B
A
C
(1)Vlamp
Vign
Ilamp(nominal)
001aan204
f
fsw(low)
fsw(bst)(reg)
fsw(bst)(low)
fsw(reg)
fsw(dim)
fsw(high)
fsw(ph)
fsw(ign)
(2)
(2)Ilamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com