Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBABWS Datasheet(PDF) 1 Page - OptoSupply International

Part # IBABWS
Description  The power efficiency is 85% typically, the Power factor 0.85 typically
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

IBABWS Datasheet(HTML) 1 Page - OptoSupply International

  IBABWS Datasheet HTML 1Page - OptoSupply International IBABWS Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
1
PRODUCT SPECIFICATION FOR E27 LED Bulb
Descriptions:
A unique optics design, no light solution, no glare, the light evenly distributed,
no stroboscopic.
Good color rendering performance,
The power efficiency is 85% typically, the Power factor 0.85 typically,
Color Temperature 2700K and 6500K available.
Features:
Standard E27 plug contact directly with AC110V
Long life using
Quick start up
Application:
The products are apply to supermarket, office, hotel, home, conference room and the
exhibition room, and all indoor lightings
Product Picture and Sizes:
Units:mm
Tolerance:±2mm
Module No
IBABXS
REV.
C2


Similar Part No. - IBABWS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
IBAADS OPTOSUPPLY-IBAADS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBAAWS OPTOSUPPLY-IBAAWS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBAAXS OPTOSUPPLY-IBAAXS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBACDS OPTOSUPPLY-IBACDS Datasheet
65Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBACWS OPTOSUPPLY-IBACWS Datasheet
65Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
More results

Similar Description - IBABWS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5826_REVB ROHM-2SC5826_REVB Datasheet
939Kb / 4P
High speed switching., Low saturation voltage, typically
logo
ATMEL Corporation
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Leshan Radio Company
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
Low Dropout Voltage: 1.3V Typically at 5A
logo
Richtek Technology Corp...
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
The RT6208 is a high-efficiency
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
The RT6296C is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
The RT6296D is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
The RT7296C is a high-efficiency
logo
Shanghai Semitech Semic...
1.5KE SEMITECH-1.5KE Datasheet
180Kb / 5P
Fast response time: typically less than 1 ns
logo
ATMEL Corporation
U2790B ATMEL-U2790B_02 Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Littelfuse
600R LITTELFUSE-600R Datasheet
659Kb / 6P
The 600R Series is designed to protect against power fault events typically found in telecom applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com