Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBACDS Datasheet(PDF) 1 Page - OptoSupply International

Part # IBACDS
Description  PRODUCT SPECIFICATION FOR E27 LED Bulb
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

IBACDS Datasheet(HTML) 1 Page - OptoSupply International

  IBACDS Datasheet HTML 1Page - OptoSupply International IBACDS Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
1
PRODUCT SPECIFICATION FOR E27 LED Bulb
Descriptions:
A unique optics design, no light solution, no glare, the light evenly distributed,
no stroboscopic.
Good color rendering performance,
The power efficiency is 85% typically, the Power factor 0.85 typically,
Color Temperature 2700K and 6500K available.
Features:
Standard E27 plug contact directly with AC220V
Long life using
Quick start up
Application:
The products are apply to supermarket, office, hotel, home, conference room
and the exhibition room, and all indoor lightings
Product Picture and Sizes:
Units:mm
tolerance:±2mm
Module No
IBACXS
REV.
C2


Similar Part No. - IBACDS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
IBAADS OPTOSUPPLY-IBAADS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBAAWS OPTOSUPPLY-IBAAWS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBAAXS OPTOSUPPLY-IBAAXS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBABDS OPTOSUPPLY-IBABDS Datasheet
64Kb / 2P
The power efficiency is 85% typically, the Power factor 0.85 typically
IBABWS OPTOSUPPLY-IBABWS Datasheet
64Kb / 2P
The power efficiency is 85% typically, the Power factor 0.85 typically
More results

Similar Description - IBACDS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS-OLIHA030P OPTOSUPPLY-OS-OLIHA030P Datasheet
100Kb / 2P
PRODUCT SPECIFICATION FOR LED LENS
OS-OLSH6620P OPTOSUPPLY-OS-OLSH6620P Datasheet
75Kb / 1P
PRODUCT SPECIFICATION FOR LED LENS
OSOLTH3525X OPTOSUPPLY-OSOLTH3525X Datasheet
629Kb / 1P
PRODUCT SPECIFICATION FOR LED LENS
OS-OLTH5025X OPTOSUPPLY-OS-OLTH5025X Datasheet
71Kb / 1P
PRODUCT SPECIFICATION FOR LED LENS
IBAAXS OPTOSUPPLY-IBAAXS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBADXS OPTOSUPPLY-IBADXS Datasheet
65Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb Quick start up
logo
PARA LIGHT ELECTRONICS ...
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
LED A19 E27 Light Bulb
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
LED A22 E27 Light Bulb
logo
OptoSupply Internationa...
FSB1TS OPTOSUPPLY-FSB1TS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
OSOLTH5025X OPTOSUPPLY-OSOLTH5025X Datasheet
71Kb / 1P
PRODUCT SPECIFICATION FOR LED LENS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com