Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS5JS Datasheet(PDF) 3 Page - OptoSupply International

Part # FRS5JS
Description  850nm & 940nm Infrared LED Module Each LED watts: 0.06W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FRS5JS Datasheet(HTML) 3 Page - OptoSupply International

  FRS5JS Datasheet HTML 1Page - OptoSupply International FRS5JS Datasheet HTML 2Page - OptoSupply International FRS5JS Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Absolute Maximum Ratings(Ta=25
)
℃
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
15
V
Input Current (DC)
Ii
210
mA
Power Dissipation
Pa
3.1
W
Operating Temperature
Tope
-10 ~ +60
DegC
Storage Temperature
Tstg
-20 ~ +50
DegC
Typical Performance (Ta=25
)
℃
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
2.4
3.1
w
Input Voltage(DC)
Vi
-
12
15
V
Product Input Current
If
-
200
210
mA
LED Quantity
QTY
-
36
-
Pcs
PCB Diamter
Lmod.
-
52.5
-
mm
Net Weight
Wei.
---
25
---
g
Cautions
:
.
To prevent electric shocks and risk of fire hazards, do NOT use other than specified power
source.
The power supply must through safe attestation. Its output Voltage/current/voltage polarity and
operating temperature must match the requirement.
Please note the IR module’s operating temperature and its using environment requirement.
Avoid using at too high or too low temperatures.
Model No.
FRS5XX
REV.
C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com