Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5415CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5415CSM4
Description  PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5415CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N5415CSM4 Datasheet HTML 1Page - Seme LAB 2N5415CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCB = -175V
2N5415
VCB = -280V
2N5416
VCE = -150V
VEB = -4V
2N5415
VEB = -6V
2N5416
IC = -10mA
2N5415
IC = -10mA
2N5416
IC = -50mA RBE=50W 2N5416
IC = -50mA IB =-5mA
IC = -50mA VCE = -10V
IC = -50mA VCE =-10V 2N5415
IC = -50mA VCE =-10V 2N5416
IC = -5mA
VCE = -10V
f = 1KHz
IE = 0
VCB = -10V
f = 1MHz
IC = -10mA VCE = -10V
f = 5MHz
-50
-50
-50
-20
-20
-200
-300
-350
-0.5
-1.5
30
150
30
120
25
25
15
ICBO
ICEO
IEBO
VCEO(sus)*
VCER(sus)*
VCE(sat)
VBE*
hFE*
hfe
Ccbo
fT
mA
mA
mA
V
V
V
V
V
—
—
pF
MHz
2N5415CSM4
2N5416CSM4
Prelim. 02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Collector Cut Off Current (VE =0)
Emitter Cut Off Current (IB =0)
Emitter Cut Off Current (IC =0)
Collector Emitter on Voltage(IB =0)
Collector Emitter Breakdown Voltage
Collector Base Breakdown Voltage
Base-Emitter Voltage
DC Current Gain
Small Signal Current Gain
Collector-Base Capacitance
Transition Frequency
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
*Pulsed: duration = 300
ms, duty cycle 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com