Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS15DBFP4RGB Datasheet(PDF) 2 Page - GREATECS

Part # IS15DBFP4RGB
Description  Programmable High Resolution LCD Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15DBFP4RGB Datasheet(HTML) 2 Page - GREATECS

  IS15DBFP4RGB Datasheet HTML 1Page - GREATECS IS15DBFP4RGB Datasheet HTML 2Page - GREATECS IS15DBFP4RGB Datasheet HTML 3Page - GREATECS IS15DBFP4RGB Datasheet HTML 4Page - GREATECS IS15DBFP4RGB Datasheet HTML 5Page - GREATECS IS15DBFP4RGB Datasheet HTML 6Page - GREATECS IS15DBFP4RGB Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LCD Switches
Programmable High Resolution LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
2
Absolute Maximum Ratings
Items
Symbols
Ratings
Recommended Operating Conditions
Items
Symbols
Minimum
Typical
Maximum
Characteristics of Display
Circuit
SPST normally open
Electrical Capacity (Resistive Load)
100mA @ 12V DC
Contact Resistance
200 milliohms maximum @ 20mV 10mA
Insulation Resistance
100 megohms minimum @ 100V DC
Dielectric Strength
125V AC for 1 minute minimum
Mechanical Endurance
3,000,000 operations minimum
Electrical Endurance
3,000,000 operations minimum
Operating Force
2.0 ± 0.5 Newtons
Total Travel
4.5mm (.177”)
Optical Characteristics (Temperature at 25°C)
Items
Symbols Min
Typical
Max
Part Number
Switch Description
LCD Mode
LED Color
LCD/LED
SPST
Momentary ON
Gold Contacts
Straight PC Terminals
SMARTSWITCH PART NUMBER & DESCRIPTION
SMARTSWITCH SPECFICATIONS
SMARTSWITCH OLED SPECFICATIONS
IS15DBFP4RGB
Black & White
FSTN Positive
Red/Green/Blue
Display Operation Mode
FSTN positive; background colors, black & white
Display Condition
Viewing Angle Direction
6 o’clock
Viewing Area
15.0mm x 10.8mm (horizontal x vertical)
Pixel Format
64 x 32 pixels (horizontal x vertical)
Pixel Size
0.20mm x 0.27mm (horizontal x vertical)
* Operating Temperature Range
–15°C ~ +50°C (+32°F ~ +122°F)
Storage Temperature Range
–20°C ~ +60°C (–4°F ~ +140°F)
Backlight LED
RGB: red/green/blue
* In low temperature environment (below 0°C), speed and contrast decrease when image changes. The non-indicator dot may become dense in
a high temperature environment (about 50°C).
Supply Voltage
VDD
–0.3V to +7.0V
Input Voltage
VI
–0.3V to V DD +0.3V
Output Voltage
VO
–0.3V to V DD +0.3V
Supply Voltage
VDD
4.9V
5.0V
5.1V
Input Voltage
VI
0V
––
VDD
SPI Clock Frequency
fSCK
––
––
8MHz
Current Consumption
IDD
** 10mA
––
*** 50mA
** 10mA: Backlighting LED is o
*** 50mA: Backlighting LEDs (Red, Green, Blue) are maximum brightness
Contrast Ratio
Cr
––
3.0
––
Viewing
Angle
(Cr ≥ 1.1)
Up & Down
––
90°
––
Right & Left
––
90°
––
Φ
θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com