Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1 Datasheet(PDF) 1 Page - GREATECS

Part # MB1
Description  SMT Multi-Direction Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB1 Datasheet(HTML) 1 Page - GREATECS

  MB1 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Direction Switches
Push & Lever Multifunction Switches
MB2 Series
General Specifications:
FEATURES
» J Type SMT push & lever switches
» To provide both momentary operation by lever and
center actuation
MATERIALS
» Contact: Phosphor bronze with silver cladding at con
tact surface
» Terminal: Phosphor bronze with silver cladding at
contact surface
MECHANICAL
» Mechanical Life: 100,000 operations cycles
» Operating Force:
(A) Force on return actuator: 40±20 gf
(B) Force on center push direction: 150±50 gf
» Operating Temperature: -10°C to +70°C
» Storage Temperature: -25°C to +85°C
ELECTRICAL
» Electrical Life: 100,000 cycles, 5VDC, 10mA
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 10mA, 5VDC
SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max 10 seconds max..
MB2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
MB2HAG4
High Actuator,
with Ground Terminals
20°
20°
PUSH
A
B
2.50
R7.20
11.30
0.15
2.50
2
1.25
2.55 0.50
A
B
Angle
Terminal No.
1
2
C
3
4
20° (16°)
(8°)
(8°)
(16°)
20°
CIRCUIT DIAGRAM OF MB3 SERIES
E : Erthing Terminal
: ON Position
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
9
C or R 0.3
20°
20°
PUSH
A
B
2.50
R7.20
11.30
12
0.15
2.50
2
2.55
0.50
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
20°
20°
PUSH
A
B
2.50
R7.20
11.30
2.50
2
2.55 0.50
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
20°
20°
PUSH
A
B
2.50
R7.20
12.00
2.50
2
2.55 0.50
1.50
7.50
0.50
1
2
T
C
3
4
E
E
E
E
1.50
7.50
0.50
1
2
T
C
3
4
E
E
2.25
0.50
1.50
7.50
1.90
1
2
T
C
3
4
E
E
9
Ø 1
0.50
1.50
1
2
T
C
3
4
7.50
E
E
7.50
9
9.00
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
11.68
ACTUATOR:
NA Standard Actuator
HA High Actuator
GROUND TERMINAL:
N
Without Ground Terminal
G
With Ground Terminal
NO. Of GROUND PINS (Only for MB2NAG & MB2HAG):
2
2 Ground Pins
4
4 Ground Pins
COLOR OF SWITCH:
A
Black
H
Gray
PACKAGE STYLE:
TR Tape & Reel
1
2
3
4
5
MB2NA with Standard Actuator
MB2HA with High Actuator
MB2NAN
Stanard Actuator,
without Ground Terminals
MB2NAG2
Stanard Actuator,
with Ground Terminals
MB2HAN
High Actuator,
without Ground Terminals
General Tolerance: ± 0.2 mm
H02
Multi-Direction Switches
SMT Multi-Direction Switches
MB1 Series
TYPE OF SWITCHES:
M 7.7 x 7.4 mm Multi-Direction Switch
T 9.8 x 9.8 mm Thinner Multi-Direction Switch
NO. OF DIRECTIONS:
4 4 Directions(MB1M Only)
5 5 Directions
TERMINAL TYPE:
B SMT Bending Terminals
F Flat SMT Terminals (MB1M Only)
PACKAGE:
TR Tape & Reel
BK Bag (MB1T Only)
TB Tube (MB1T Only)
General Specifications:
MATERIALS
» Contact: Stainless with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 5° (+2.5°/-1.5°) (4 directions)
0.25 (+0.1/-0.2) mm (Center push)
0.25 (±0.15) mm (MB1T Only)
» Operating Force: 160 gf (MB1M4)
320 gf (MB1M5)
180 ± 60 gf (MB1T Side)
320 (+80/-60) gf (MB1T center)
» Operating Temperature: -25°C to +70°C (MB1M)
-20°C to +70°C (MB1T)
» Storage Temperature:
-40°C to +85°C
ELECTRICAL
» Electrical Life: 100,000 cycles (MB1M)
200,000 cycles (MB1T)
» Rating: 50mA, 12VDC
LEADFREE SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C 10 seconds max.
MB1
How to order:
1
2
3
1
2
3
4
sales@greatecs.com
www.greatecs.com
4
Actuator
Terminals
45°
A
1
2
3
4
5
6
Operating Direction
R0.50
B
C
D
7.40
1.40 MAX
Fitting
margin for
key top
E
0.50
Ø 3.0
9.00
1.50
Ground
terminal
5° +2.5°
-1.5°
5° +2.5°
-1.5°
Guide Bosses
Center of
Stem Rotation
0.50
45°
A
1
2
3
4
5
6
Operating Direction
R0.50
B
C
D
7.40
1.40 MAX
Fitting
margin for
key top
E
0.50
Ø 3.0
7.80
1.50
Ground
terminal
5° +2.5°
-1.5°
5° +2.5°
-1.5°
Guide Bosses
Center of
Stem Rotation
0.50
45°
A
1
2
3
4
5
6
Operating Direction
R0.50
B
C
D
7.40
1.40 MAX
Fitting
margin for
key top
0.50
Ø 3.0
7.80
1.50
Ground
terminal
5° +2.5°
-1.5°
5° +2.5°
-1.5°
Guide Bosses
Center of
Stem Rotation
0.50
45°
A
Operating Direction
R0.50
B
C
D
7.40
1
2
3
4
5
6
1.40 MAX
Fitting
margin for
key top
0.50
Ø 3.0
9.00
1.50
Ground
terminal
5° +2.5°
-1.5°
5° +2.5°
-1.5°
Guide Bosses
Center of
Stem Rotation
0.50
P.C.B. LAYOUT OF MB1M_F
2.00
6.00
10.00
P.C.B. LAYOUT OF MB1M_B
2.00
6.00
9.00
CIRCUIT DIAGRAM OF MB1M5
CIRCUIT DIAGRAM OF MB1M4
Com3 E Com4
Com1
Com5
Com2
Ø2.20
A
D
C
B
1.90 1.90
2.40
4.80
CIRCUIT DIAGRAM
D
A
E
C
B
G
G
G
G
45°
2.80
1.0
4.80
P.C.B. LAYOUT
MB1M 7.7 x 7.4 mm Multi-Direction Switch
MB1T 9.8 x 9.8 mm Thinner Multi-Direction Switch
MB1M5F
MB1M5B
MB1M4F
MB1M4B
Actuator
Terminals
General Tolerance: ± 0.2 mm
10.40
0.60
H01


Similar Part No. - MB1

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
MB1 SOVICO-MB1 Datasheet
131Kb / 1P
Wireless Belt Type Microphone
logo
Multicomp Pro
MB1 MULTICOMP-MB1 Datasheet
297Kb / 1P
Multipurpose Boxes with Lids
26/11/21 V1.1
MB1 MULTICOMP-MB1 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Premier Farnell Limited...
MB1 DURATOOL-MB1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
Bruckewell Technology L...
MB10 BWTECH-MB10 Datasheet
227Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
Japan Aviation Electron...
DA1R010H91E JAE-DA1R010H91E Datasheet
175Kb / 1P
AND - DENOTE ARE DIRECTION OF SMT TOLERANCE
DA1R026L91E JAE-DA1R026L91E Datasheet
222Kb / 1P
AND - DENOTE ARE DIRECTION OF SMT TOLERANCE
logo
E-SWITCH
901 E-SWITCH-901 Datasheet
122Kb / 1P
TACT SWITCHES SMT
TL3302 E-SWITCH-TL3302_1 Datasheet
168Kb / 2P
TACT SWITCHES SMT - RECTANGULAR
TL3342 E-SWITCH-TL3342 Datasheet
150Kb / 1P
TACT SWITCHES SMT
TL3342F160QG E-SWITCH-TL3342F160QG Datasheet
1Mb / 2P
TACT SWITCHES SMT
logo
Adam Technologies, Inc.
SW-C-1P1C-VT-SMT-73-06 ADAM-TECH-SW-C-1P1C-VT-SMT-73-06 Datasheet
81Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VG-SMT-16-07-X ADAM-TECH-SW-C-1P1T-VG-SMT-16-07-X Datasheet
78Kb / 1P
TACT SWITCHES SMT TYPE
logo
Panasonic Semiconductor
EVQWJN PANASONIC-EVQWJN Datasheet
83Kb / 2P
Multi Function Switches
Oct. 2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com