Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2 Datasheet(PDF) 1 Page - GREATECS

Part # MB2
Description  Push & Lever Multifunction Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB2 Datasheet(HTML) 1 Page - GREATECS

  MB2 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Direction Switches
Push & Lever Multifunction Switches
MB2 Series
General Specifications:
FEATURES
» J Type SMT push & lever switches
» To provide both momentary operation by lever and
center actuation
MATERIALS
» Contact: Phosphor bronze with silver cladding at con
tact surface
» Terminal: Phosphor bronze with silver cladding at
contact surface
MECHANICAL
» Mechanical Life: 100,000 operations cycles
» Operating Force:
(A) Force on return actuator: 40±20 gf
(B) Force on center push direction: 150±50 gf
» Operating Temperature: -10°C to +70°C
» Storage Temperature: -25°C to +85°C
ELECTRICAL
» Electrical Life: 100,000 cycles, 5VDC, 10mA
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 10mA, 5VDC
SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max 10 seconds max..
MB2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
MB2HAG4
High Actuator,
with Ground Terminals
20°
20°
PUSH
A
B
2.50
R7.20
11.30
0.15
2.50
2
1.25
2.55 0.50
A
B
Angle
Terminal No.
1
2
C
3
4
20° (16°)
(8°)
(8°)
(16°)
20°
CIRCUIT DIAGRAM OF MB3 SERIES
E : Erthing Terminal
: ON Position
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
9
C or R 0.3
20°
20°
PUSH
A
B
2.50
R7.20
11.30
12
0.15
2.50
2
2.55
0.50
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
20°
20°
PUSH
A
B
2.50
R7.20
11.30
2.50
2
2.55 0.50
7.50
9
9
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
20°
20°
PUSH
A
B
2.50
R7.20
12.00
2.50
2
2.55 0.50
1.50
7.50
0.50
1
2
T
C
3
4
E
E
E
E
1.50
7.50
0.50
1
2
T
C
3
4
E
E
2.25
0.50
1.50
7.50
1.90
1
2
T
C
3
4
E
E
9
Ø 1
0.50
1.50
1
2
T
C
3
4
7.50
E
E
7.50
9
9.00
P.C.B. LAYOUT
0.80
Ø 1.10
1.50
0.70
11.68
ACTUATOR:
NA Standard Actuator
HA High Actuator
GROUND TERMINAL:
N
Without Ground Terminal
G
With Ground Terminal
NO. Of GROUND PINS (Only for MB2NAG & MB2HAG):
2
2 Ground Pins
4
4 Ground Pins
COLOR OF SWITCH:
A
Black
H
Gray
PACKAGE STYLE:
TR Tape & Reel
1
2
3
4
5
MB2NA with Standard Actuator
MB2HA with High Actuator
MB2NAN
Stanard Actuator,
without Ground Terminals
MB2NAG2
Stanard Actuator,
with Ground Terminals
MB2HAN
High Actuator,
without Ground Terminals
General Tolerance: ± 0.2 mm
H02


Similar Part No. - MB2

ManufacturerPart #DatasheetDescription
logo
Cavotec Group AB (publ)
MB2 CAVOTEC-MB2 Datasheet
904Kb / 2P
RADIO REMOTE CONTROL SYSTEMS
October 2021
logo
Multicomp Pro
MB2 MULTICOMP-MB2 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Premier Farnell Limited...
MB2 DURATOOL-MB2 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
List of Unclassifed Man...
MB20 ETC1-MB20 Datasheet
116Kb / 1P
Micro Power Resistors
logo
Microsemi Corporation
MB200 MICROSEMI-MB200 Datasheet
46Kb / 2P
RECTIFIERS
More results

Similar Description - MB2

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
GREATECS
MB5 GREATECS-MB5 Datasheet
599Kb / 1P
Push & Lever Multifunction Switches with Click Feel
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Panasonic Semiconductor
ESB30B132 PANASONIC-ESB30B132 Datasheet
279Kb / 7P
Push Switches
logo
Highly Electric Co., Lt...
PB6131 HIGHLY-PB6131 Datasheet
1,023Kb / 2P
PUSH SWITCHES
PB6131ARFIL-1-WS-1 HIGHLY-PB6131ARFIL-1-WS-1 Datasheet
1Mb / 3P
PUSH SWITCHES
PB6131FAF-L1-101 HIGHLY-PB6131FAF-L1-101 Datasheet
2Mb / 5P
PUSH SWITCHES
TP6041 HIGHLY-TP6041 Datasheet
969Kb / 2P
PUSH SWITCHES
TP613 HIGHLY-TP613 Datasheet
394Kb / 4P
PUSH SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com