Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5682 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5682
Description  NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5682 Datasheet(HTML) 2 Page - Seme LAB

  2N5682 Datasheet HTML 1Page - Seme LAB 2N5682 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
µA
µA
mA
µA
V
MHz
pF
Rthj-case
Rthj-amb
17.5
175
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
°C/W
°C/W
1
1
1
1
1
1
10
10
1
100
120
0.6
1
2
1
40
150
5
30
50
40
2N5681
2N5682
Prelim.3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICBO
ICEV
ICEO
IEBO
VCEO(sus)*
VCE(sat)*
VBE*
hFE*
fT
CCBO
hfe
Collector Cut Off Current
Collector Cut Off Current
Collector Cut Off Current
Emitter Cut Off Current
Collector Emitter Sustaining Voltage
Collector Emitter Saturation Voltage
Base Emitter Voltage
DC Current Gain
Transistion Frequency
Collector Base Capacitance
Small Signal Current Gain
IE = 0
for 2N5681
VCB = 100V
for 2N5682
VCB = 120V
VBE = -1.5
for 2N5681
VCE = 100V
for 2N5682
VCE = 120V
Tcase = 150°C
for 2N5681
VCE = 100V
for 2n5682
VCE = 120V
IB = 0
for 2N5681
VCE = 70V
for 2N5682
VCE = 80V
IC = 0
VEB = 4V
IB = 0
IC = -10mA
for 2N5681
for 2N5682
IC = 250mA
IB = 25mA
IC = 500mA
IB = 50mA
IC = 1A
IB = 200mA
IC = 250mA
VCE = 2V
IC = 250mA
VCE = 2V
IC = 1A
VCE = 2V
IC = 100mA
VCE = 10V
f = 10MHz
IE = 0
VCB = 20V
f = 1MHz
IC = 0.2A
VCE = 1.5V
f = 1KHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , d < 2%
THERMAL DATA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com