Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9 Datasheet(PDF) 2 Page - GREATECS

Part # MB9
Description  Right Angle Halogen-Free Double Action Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB9 Datasheet(HTML) 2 Page - GREATECS

  MB9 Datasheet HTML 1Page - GREATECS MB9 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi-Direction Switches
Right Angle Halogen-Free Double Action Switches
MB9 Series
sales@greatecs.com
www.greatecs.com
2
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
Terminal: Brass, with Silver Plating
Base: High-Temp Thermoplastic LCP UL 94V-0
Color: Black
Stem: High-Temp Thermoplastic NYLON UL 94V-0
Color: Black
Supressor: Stainless Steel
Spring: Stainless Steel
Tape: Kapton
Cover: Stainless Steel
MATERIAL
SOLDERING PROCESS
CLEANING:
1. Only Tape sealed types apply to wash process.
2. Do not remove the tape before wash process.
3. After soldering process, do not continue the wash process
immediately. Please wait for at least 3 minutes.
4. Apply alcoholic solvents as cleaning agent do not use other solvents of water.
5. Ultrasonic cleaning is not recommended.
6. The cleaning process per stage is max. 1 minute and the whole
cleaning time are not to exceed 3 minutes.
7. Do not impose any external force on switch while washing.
Any flux enters the switch may fail the conductivity.
Reflow Temperature Profile: (reference)
PACKING
Part Number
Number Per Tube
Number Per Reel
MP9
4000pcs./Reel
-
GENERAL TOLERANCES MAX: ± 0.1mm.
Halogen-free materials.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com