Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP30 Datasheet(PDF) 2 Page - GREATECS

Part # MP30
Description  8.6x4.8x3.0mm Superminiature Micro Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP30 Datasheet(HTML) 2 Page - GREATECS

  MP30 Datasheet HTML 1Page - GREATECS MP30 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micro Switches
8.6x4.8x3.0mm Superminiature Micro Switch
MP30 Series
sales@greatecs.com
www.greatecs.com
2
1.Operation Characteristics
Operating Force (OF)
:
60 20 gf
Releasing Force (RF)
:
Min. 20 gf
Free Position ( FP )
:
3.6 0.15 mm
+0.2
Operating Position (OP)
:
3.35
mm
-0.15
Movement Differential (MD)
:
Max. 0.12 mm
Over-travel (OT)
:
Min. 0.1 mm
Pre-travel (PT)
:
Max.0.65 mm
2. Specifications
Contact Resistance
:
Max. 100 m
. (Initial)
Before measure the switch contact resistance, please press the switch three
times on and off.
Dielectric Strength
:
600VAC (50-60HZ) for one minute between contacts and live-parts
Insulation Resistance
:
Min. 100 M
( At 500 VDC for 1 minute )
Circuit Arrangement
:
SPST ( Single pole single throw )
Rating
:
0.1A 30VDC
Service Life
:
Min. 3,000,000 operations
Rating Load
:
Resistive Load
Operating Frequency
:
120 operations per minute
Mechanical Service Life
:
Min. 3,000,000 operations.
Operating Frequency
:
Max. 120 operations per minute
3. Environments
Operating Temperature
:
-25
~70
Storage Temperature
:
-40
~85
Storage Humidity
:
at 40
, Max. 85% R.H
Vibration
:
10~55Hz, displacement 0.75mm(p-p)
For SMT Temperature
:
Max. 250
for 10 seconds, please see the enclosed drawing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com