Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2LC Datasheet(PDF) 2 Page - GREATECS

Part # SS22SDP2LC
Description  Miniature Illuminated Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SS22SDP2LC Datasheet(HTML) 2 Page - GREATECS

  SS22SDP2LC Datasheet HTML 1Page - GREATECS SS22SDP2LC Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Illuminated Switches
Ultra-Miniature Illuminated Slide Switches
SS Series
SS22SDP2LC Top Actuated
General Specifications:
ELECTRICAL CAPACITY (Resistive Load)
» Power Level: 0.1A@30VDC
OTHER RATINGS:
» Contact Resistance: 20m
Ω max.
» Insulation Resistance: 100M
Ω min.@500VDC
» Mechanical Life: 10,000 operations min.
» Electrical Life: 10,000 operations
» Contact Timing: Shorting (make-before-break)
» Total Travel: 2.0mm
MATERIALS
» Mov. Contacts: Phosphor bronze with silver plating
» Terminals: Brass with silver plating over copper
plating
ENVIRONMENTAL DATA
» Operating Temperature: -15°C through +60°C
SOLDERING
» 3 sec. max. @ 350°C max. for manual soldering;
5 sec. max. @ 270°C max. for wave soldering
SS
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
5
SS12SDH2LC Side Actuated
TERMINAL SPACING
CUTAWAY
12S
22S
D
P
H
POLES & CIRCUITS:
SPDT ON-NONE-ON
DPDT ON-NONE-ON
TERMINAL SPACING:
2.54mm x 2.54mm
ACTUATION:
Top Actuated
Side Actuated
2
L
C
E
F
CONTACT MATERIAL & RATINGS:
Silver Rated 0.1A@30VDC
LED CIRCUIT:
Isolated
LED COLORS:
Red
Yellow
Green
1
2
3
4
5
6
6
OPTIONAL CAP
1
2
3
L
L
(+)
(-)
2.54
13.0
0.3 Typ
0.4 Typ
0.6 Typ
4.5
3.7
0.6 Typ
0.4
2.54 Typ
3.0
7.5
4.85
2.5
2.0 Travel
2.5
7.5
1
2
3
4
5
6
L
L (+)
(-)
2.54 Typ
0.4 Typ
0.3 Typ
0.6 Typ
9.0
13.0
1
2
3
L
L
(+)
(-)
4
5
6
2.54 Typ
0.3 Typ
0.6 Typ
0.4 Typ
13.0
2.0 Travel
0.4
0.6 Typ
4.5
3.0
2.54 Typ
2.5
2.5
3.7
9.0
L (+)
L (-)
1
2
3
0.6 Typ
0.4 Typ
13.0
0.3 Typ
2.54
6
5
4
1
2
3
L
L(+)
(-)
2.54 Typ
2.54 Typ
0.8 Dia Typ
6
5
4
1
2
3
L
L(+)
(-)
2.54 Typ
2.54 Typ
0.8 Dia Typ
2.54 Typ
1
2
3
L
L (+)
(-)
2.54
0.8 Dia Typ
2.54 Typ
1
2
3
L
L (+)
(-)
2.54
0.8 Dia Typ
Single Pole
Double Pole
Single Pole
Double Pole
Slide Position
Connected Terminals
Throw & Schematics
Pole Model
Right
Center
Left
Right
Center
Left
Note: Terminal numbers are not actually on the switch. LED circuit is isola-
ted and requires an external power sorce.
SP
SS12S
ON
NONE
ON
2-1
OPEN
2-3
SPDT
DP
SS22S
ON
NONE
ON
2-1 5-4
OPEN
2-3 5-6
DPDT
POLES & CIRCUITS
1
3
2 (COM)
4
5 (COM)
6
1
3
2 (COM)
(+)
(-)
(+)
(-)
3.4 Typ
13.0
9.0
2.54 Typ
0.4 Typ
0.6 Typ
2.54 Typ
13.0
3.4 Typ
9.0
2.54 Typ
0.4 Typ
0.6 Typ
2.54 Typ
Single Pole
Double Pole
8.5
5.0
3.2
5.0
11.0
0.6
Material: Polycarbonate
Cap can be assembled on
request
Cap Color: Black only.
Window color should
match LED color.
LED COLORS & SPECIFICATIONS
L Isolated LED, 1-element
Colored Toggle Bright LED
Colors
C
Red
E
Yellow
F
Green
Forward Peak Current
I
FM
20mA
20mA
20mA
Continuous Forward Current
I
F
16mA
16mA
16mA
Forward Voltage
V
F
2.07V
2.15V
2.16V
Reverse Peak Voltage
V
RM
3V
4V
4V
Current Reduction Rate Above 25°C
∆I
F
0.27mA/°C
Ambient Temperature Range
-15°C ~ +60°C
(+)
(-)
J21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com