Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB16 Datasheet(PDF) 2 Page - GREATECS

Part # PB16
Description  SPST Sealed Round Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB16 Datasheet(HTML) 2 Page - GREATECS

  PB16 Datasheet HTML 1Page - GREATECS PB16 Datasheet HTML 2Page - GREATECS PB16 Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pushbutton Switches
SPST Sealed Round Pushbutton Switches
PB16 Series
sales@greatecs.com
www.greatecs.com
2
PB161
(OFF-MOM)
PB163
(OFF-ON)
LED ELECTRO-OPTICAL DATA :
2.0
2.2
2.1
2.6
2.6
2.6
3.5
3.5
3.5
60
PB161B2TS1...X
OFF-MOM
Flat Top Actuator
Threaded Bushing
Solder Lug Terminals
Illuminated with LED
IP67 for Panel Surface
PB161B2W11...
OFF-MOM
Flat Top Actuator
Threaded Bushing
Wire Terminals Type 1
IP67 for Panel Surface
PB163B2TS1...X
OFF-ON
Flat Top Actuator
Threaded Bushing
Solder Lug Terminals
Illuminated with LED
IP67 for Panel Surface
RUBBER
WASHER
.197
5.00
.370
9.40
.197
5.00
.047
1.20
.594
15.10
.015
0.40
.020
0.50
.200
5.08
.134
3.40
.130
3.30
.078
2.00
.287
7.30
6.4 1
.252
.008
0.20
.110
2.80
.196
5.00
3.94
100 5
Heat Shrink Tube
.285
7.22
.315
8.00
.484
12.30
X=LED Color
X=LED Color
MANUAL SOLDERING: Use soldering iron of 30 watts,
controlles at 350°C approximately
5 seconds while applying solder.
WAVE SOLDERING:
Recommended soldering temperature:
260±5°C 5±1 seconds
(PCB thickness 1.6mm)
SOLDERING VAPOR PHASE:
Temperature Profile
Zone
Room temperature
Time ( Sec )
Pre-heat A
150
Min 120s
Soak
B
180 ~200
Min 150s
Peak
C
200 ~235
Min 30s
Peak
D
235 ~260
Min 40s
Peak
E
260
Max 10s
Peak 260
250
200
150
100
50
A
B
C
D
E
Room
Temperature
Time Sec
SOLDERING PROCESSES
PB161B2W22...
OFF-MOM
Flat Top Actuator
Threaded Bushing
Wire Terminals Type 2
IP67 for Whole Body



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com