Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB4SFT2UGEVC2C Datasheet(PDF) 1 Page - GREATECS

Part # PB4SFT2UGEVC2C
Description  Sealed Sub-Miniature Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB4SFT2UGEVC2C Datasheet(HTML) 1 Page - GREATECS

  PB4SFT2UGEVC2C Datasheet HTML 1Page - GREATECS PB4SFT2UGEVC2C Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pushbutton Switches
Sealed Sub-Miniature Pushbutton Switches
PB4 Series
PB4SFT2_ _ _ _ _
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 50,000 cycles at full load
CONTACT RATING
» AG, GT, UG & UGT: 3A 120VAC/28VDC
1A 250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 20m
Ω max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
Ω min.
PB4
How to order:
1
2
3
5
sales@greatecs.com
www.greatecs.com
6
4
C
A
B
C
D
E
F
G
K
H
CAP COLOR:
Black (Standard)
White
Red
Orange
Yellow
Green
Blue
Brown
Gray
SN
SF
DF
T1
T2
T5
T6
T6N
T7
T7N
VS2
V2N
POLES & SWITCHING:
SP ON-MOM
SP OFF-MOM
DP OFF-MOM
TERMINALS:
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right abgle, snap-in,
PC thru hole
Vertical right angle, PC thru hole
Vertical right angle, snap-in,
PC thru-hole
9.30 mm high, V-bracket
9,30 mm high, snap-in V-bracket
AG
AU
UT
GT
UG
UGT
E
blank
V
C2
C5
CONTACT MATERIAL:
Silver
Gold
Gold, tin-lead
Silver, tin-lead
Gold over ilver
Gold over silver, tin-lead
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS compliant
RoHS & lead free
CAP:
Cap2
Cap5
1
2
3
4
5
6
7
7
PB4SNT2_ _ _ _ _
PB4DFT2_ _ _ _ _
PB4SFT6_ _ _ _ _
PB4DFT6_ _ _ _ _
PB4SNT6_ _ _ _ _


Similar Part No. - PB4SFT2UGEVC2C

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
logo
List of Unclassifed Man...
PB4 ETC2-PB4 Datasheet
113Kb / 1P
Potting Boxes
logo
HellermannTyton.
PB4 HELLERMANNTYTON-PB4 Datasheet
962Kb / 1P
A Range IP44, IP55, IP56 Junction Boxes
logo
Multicomp Pro
PB4 MULTICOMP-PB4 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
PB4 MULTICOMP-PB4 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
More results

Similar Description - PB4SFT2UGEVC2C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
Sub-Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com