Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB2MSB10T1AGEVC3B Datasheet(PDF) 1 Page - GREATECS

Part # PB2MSB10T1AGEVC3B
Description  Sealed Snap-Acting Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB2MSB10T1AGEVC3B Datasheet(HTML) 1 Page - GREATECS

  PB2MSB10T1AGEVC3B Datasheet HTML 1Page - GREATECS PB2MSB10T1AGEVC3B Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pushbutton Switches
Sealed Snap-Acting Pushbutton Switches
PB2 Series
PB2MSB10T1_ _ _ _ _
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 50,000 cycles at full load
» Cap Installation Force: 10 Ibs, max. permissible
CONTACT RATING
» AG, GT, UG & UGT: 3A 120VAC/28VDC
1A 250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 20m
Ω max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
Ω min.
PB2
How to order:
1
2
3
5
sales@greatecs.com
www.greatecs.com
6
4
C
A
B
C
D
E
F
G
K
H
CAP COLOR:
Black (Standard)
White
Red
Orange
Yellow
Green
Blue
Brown
Gray
MS
MD
B10
B20
B40
T1
T2
T5
T6
T6N
T7
T7N
VS2
V2N
VS3
SWITCHING & POLES:
ON-MOM SPDT
ON-MOM DPDT
BUSHING:
8.80 mm high
8.80 mm high
6.10 mm high
TERMINALS:
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right abgle, snap-in,
PC thru hole
Vertical right angle, PC thru hole
Vertical right angle, snap-in,
PC thru hole
11.68 mm high, V-bracket
11.68 mm high, snap-in V-bracket
16.00 mm high, V-bracket
AG
AU
UT
GT
UG
UGT
E
blank
V
C1
C2
C3
C4
CONTACT MATERIAL:
Silver
Gold
Gold, tin-lead
Silver, tin-lead
Gold over ilver
Gold over silver, tin-lead
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS compliant
RoHS & lead free
CAP:
Cap1
Cap2
Cap3
Cap4
1
2
3
4
5
6
7
8
7
8
PB2MDB10T1_ _ _ _ _
PB2MSB40T6_ _ _ _ _
PB2MDB40T6_ _ _ _ _
PB2MSB40T7_ _ _ _ _
1
2
3


Similar Part No. - PB2MSB10T1AGEVC3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB2 ETC2-PB2 Datasheet
113Kb / 1P
Potting Boxes
logo
HellermannTyton.
PB2 HELLERMANNTYTON-PB2 Datasheet
962Kb / 1P
A Range IP44, IP55, IP56 Junction Boxes
logo
Multicomp Pro
PB2 MULTICOMP-PB2 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
PB2 MULTICOMP-PB2 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
logo
Pepperl+Fuchs Inc.
PB2-008-6 PF-PB2-008-6 Datasheet
240Kb / 2P
Palm Button
More results

Similar Description - PB2MSB10T1AGEVC3B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
Snap-acting Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
Snap-Acting Pushbutton Switches (ON-MOM)
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
Snap-acting Momentary Pushbutton Switches
2022
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
Subminiature Sealed Snap-acting Switches
26 Feb 19
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com