Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB59 Datasheet(PDF) 2 Page - GREATECS

Part # PB59
Description  Silent Pushbutton Switch with LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB59 Datasheet(HTML) 2 Page - GREATECS

  PB59 Datasheet HTML 1Page - GREATECS PB59 Datasheet HTML 2Page - GREATECS PB59 Datasheet HTML 3Page - GREATECS PB59 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pushbutton Switches
Silent Pushbutton Switch with LED
PB59 Series
sales@greatecs.com
www.greatecs.com
2
ITEM
TEST CONDITIONS
CRITERIA
5-1 CONTACT
RESISTANCE
DC 1.5V 100 mA BY METHOD OF
VOLTAGE DROP
200 m
MAX.
5-2 INSULATION
RESISTANCE
M
0
0
1
V
0
0
5
C
D
MIN.
5-3 DIELECTRIC
STRENGTH
AC 500V(50-60HZ) FOR 1 MINUTE
BREAKDOWN IS NOT
ALLOWABLE
6. MECHANICAL PERFORMANCE
ITEM
TEST CONDITIONS
CRITERIA
6-1 OPERATING
FORCE
ALONG THE DIRECTION TO APPLY A
STATIC LOAD AT END OF ACTUATOR
250
100gf
6.2 TRAVEL
4.5 0.2mm
6-3 SOLDERABILITY 260 5
IN 3 SECONDS
SOLDER COVERAGE 75%
MIN.
7. SOLDERING HEAT RESISTANCE
7.1. MANUAL: 300 5
IN 3 SECONDS
7.2. WAVE SOLDERING: 260 5
IN 3 SECONDS
SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com