Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB72F11D3FJCIP65 Datasheet(PDF) 1 Page - GREATECS

Part # PB72F11D3FJCIP65
Description  Illuminated Pushbutton Switches IP40/IP65/IP67
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB72F11D3FJCIP65 Datasheet(HTML) 1 Page - GREATECS

  PB72F11D3FJCIP65 Datasheet HTML 1Page - GREATECS PB72F11D3FJCIP65 Datasheet HTML 2Page - GREATECS PB72F11D3FJCIP65 Datasheet HTML 3Page - GREATECS PB72F11D3FJCIP65 Datasheet HTML 4Page - GREATECS PB72F11D3FJCIP65 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Operating Temperature
-25
to +55 (no freezing)
Operating Humidity
45 to 85%RH (no condensation)
Contact material
silver
silver CdO
gold-clad silver
Contact pressure
0.3N (30g)
Contact Resistance
50mΩ
Insulation Resistance
100M Ω
Rated insulation voltage
250V , AC/DC
Between contact and
lamp terminals
2000V , AC 50Hz, 1min
Between terminals of
the same pole
1000V , AC 50Hz, 1min
Between terminals of
different pole
2000V , AC 50Hz, 1min
Vibration Resistance
50Hz, Amplitude 1.2mm p-p
Shock Resistance
10g in all three planes
Soldering Information
Less than 3s at 230
Mechanical
1,000,000 times
Life
Electrical
50,000 times
Terminal
Diameter of welded wire: 2x 0.8mm max
Area of copper w ire: 0.75mm2 max
Operating force
200gf~500gf (according to the quantity of
switch units)
Operating travel
3mm (pushbutton)
IP Protective Degree
IP40, IP65, IP67
Characteristics:
Specications:
Bottom Preview
Installation Dimensions
C ategory
A
B
Round
18mm
18mm
Square
18mm
18mm
Rectangular
18mm
24mm
Mushroom
24mm
24mm
Big square
24mm
24mm
Big rectangular
18mm
24mm
Circuit Diagram
Every pushbuttons can possess four switch units at most.
Specications:
Self-clear away dirt, quick-break switch system and can be used as DPDT switch.
Every switch unit also possesses a pair of NO contacts and a pair of NC contacts. Here is the circuit:
Switch Ratings
T hermal Current (
Ith)
5A
Rated Voltage
24V
125V
110V
250V 220V
Direct Current (DC)
2A
0.2A
0.1A
P.F=1
5 A
3A
Alternating
current
(AC)
P.F=0.7
3A
2A
Lamp Ratings
Lamp Type
AC LED Lamp (Standard)
Neon Lamp
AC /DC 6V
AC /DC 12V
AC /DC 24V
Rated V oltage
AC /DC 110V
AC /DC 220V
AC110V
Base Color
red, green, yellow, orange, blue, white
red, green
Life
About 40000 hours
About 20000 hours
Note The lamp contains current-limiting resistor inside and doesn´t need extenal connection.
DC LED lamp, dual-color LED lamp and other voltages can be customized.
The installation hole’ s diameter of the series pushbutton: 16mm.
Every pushbutton can possess from one to four switch units .
Use the gold-clad silver contact or silver contact.
The front shape: Round ( Φ18mm) Square (18x18mm) Rectangular (18x24mm)
Many types are available: pilot lamp, pushbutton, illuminated pushbutton, selector switch, and keylock switch.
IP Protective Degree: IP40, IP65, IP67
Pushbutton Switches
Illuminated Pushbutton Switches IP40/IP65/IP67
PB72 Series
sales@greatecs.com
www.greatecs.com
1
PB72
How to order:
1
2
3
Y
F
J
M
DF
DJ
FRONT SHAPE:
Round
Square
Rectangular
Mushroom
Big Square
Big Rectangular
1
11
22
33
44
CONTACT STRUCTURE:
1NO 1NC
2NO 2NC
3NO 3NC
4NO 4NC
2
blank
D
Z
Y
X
DERIVATIVE CODE:
Momentary
Pilot Lamp
Alternate Type
Key Lock Type
Selector Type
3
2
3
POSITION
(for selector type & keylock type only):
Two Positions
Three Positions
4
4
C
F
E
D
G
B
A
COLOR:
Red
Green
Yellow
Orange
Blue
White
Black
5
free
text
LAMP RATINGS (see table above):
LED AC 12V (for example)
The specific rating of the lamp with
illuminated button is included in the
illuminated unit ratings form.
6
blank
JC
TERMINATION:
Weld Type
Quick Connect Type
7
blank
IP65
IP67
IP PROTECTIVE DEGREE:
IP40
IP65
IP67
8
5
6
7
8
AC220V


Similar Part No. - PB72F11D3FJCIP65

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB72-LBRG13 P-TEC-PB72-LBRG13 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR21 P-TEC-PB72-LBRR21 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRY01 P-TEC-PB72-LBRY01 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
logo
Emcore Corporation
PB7200 EMCORE-PB7200 Datasheet
1Mb / 4P
Portable Frequency Domain Terahertz Spectrometer
More results

Similar Description - PB72F11D3FJCIP65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com