Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7000CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N7000CSM
Description  N.CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7000CSM Datasheet(HTML) 1 Page - Seme LAB

  2N7000CSM Datasheet HTML 1Page - Seme LAB 2N7000CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim. 8/00
2N7000CSM
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
* Pulse width limited by maximum junction temperature.
N–CHANNEL
ENHANCEMENT MODE
MOS TRANSISTOR
FEATURES
•V(BR)DSS = 60V
• RDS(ON) = 5W
W
W
W
•ID = 200mA
• Hermetic Ceramic Surface Mount
package
• Screening Options Available
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Drain Current
@ TCASE = 25°C
IDM
Pulsed Drain Current *
PD
Power Dissipation
@ TCASE = 25°C
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature Range
60V
±40V
200mA
500mA
300mW
–55 to 150°C
–55 to 150°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C unless otherwise stated)
SOT23 CERAMIC
(LCC1 PACKAGE)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PAD 1 – Gate
Underside View
PAD 2 – Source
PAD 3 – Drain


Similar Part No. - 2N7000CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7000CSM SEME-LAB-2N7000CSM Datasheet
48Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results

Similar Description - 2N7000CSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHC20306 PHILIPS-PHC20306 Datasheet
55Kb / 8P
Complementary enhancement mode MOS transistor
1998 Feb 18
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
P-channel enhancement mode MOS transistor
1998 Feb 18
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Vishay Siliconix
BF996S VISHAY-BF996S Datasheet
133Kb / 8P
N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
20-Jan-99
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
P-channel enhancement mode MOS transistor
August 1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com