Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1HT4 Datasheet(PDF) 2 Page - GREATECS

Part # SB1HT4
Description  8 mm Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB1HT4 Datasheet(HTML) 2 Page - GREATECS

  SB1HT4 Datasheet HTML 1Page - GREATECS SB1HT4 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPE OF TERMINALS:
S
SMT
H THT
TYPE OF ACTION:
T
Vertical
R
Horizontal
HEIGHT OF KNOB (L):
2
L = 2.0 mm
4
L = 4.0 mm
Slide Switches
13 mm Slide Switches
SB2 Series
SB2HT THT, Vertical Slide Switch
SB2
How to order:
1
2
3
1
2
3
4
sales@greatecs.com
www.greatecs.com
13.0
2 2 2 2
0.6
1.5
3.6
3.3
0.3
13.0
1.5
2 2
0.6
L
3.60
3.3
0.3
3.60
7.5
13.0
1.5
0.8
8.0
3.0
5.0
4.0
0.6
13
1.5
0.8
3.0
5.0
8.0
4.0
0.6
L
3.5
7.5
3.0
5.0
1.2
2.0 4.0 2.0
8.0
Ø0.9
3.0
5.0
1.2
2.0 4.0 2.0
8.0
Ø0.9
8.0
4.0
Ø0.7
8.0
4.0
Ø0.7
C
C
C
C
C
C
C
C
General Specifications:
Rating: DC6V 0.3A
Circuit: 2C-3P
Timing: Non-Shorting
Travel: 2 + 2 ± 0.1 mm
Operating Force: 200 ± 100 gf
Operating Force: L�C�R: 200±100gf
L�C�R: 300±150gf
Operating Force: L�C�R: 250±100gf
L�C�R: 300±150gf
Operating Force: L�C�R: 200±100gf
L�C�R: 250±100gf
Operating Force: L�C�R: 200±100gf
L�C�R: 250±100gf
SB2HR THT, Horizontal Slide Switch
SB2SV SMT, Vertical Slide Switch
SB2SR SMT, Horizontal Slide Switch
D02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com