Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN6472 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STN6472
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STN6472 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STN6472 Datasheet HTML 1Page - Solid States Devices, Inc STN6472 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00031C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
STN __ ___ __
└ Screening2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└
Package
__ = Axial
SMS = SMS
│
│
│
│
│
│
│
└ Voltage/Family
6469 = 5.6V
6470 = 6.5V
6471 = 13.0V
6472 = 16.4V
6473 = 27.0V
6474 = 33.0V
6475 = 43.7V
6476 = 54.0V
STN6469 – STN6476
and
STN6469SMS – STN6476SMS
1,500 WATTS
PEAK PULSE POWER
5.6 – 54 VOLTS
UNI-DIRECTIONAL
TRANSIENT VOLTAGE
SUPPRESSOR
FEATURES:
• 5.6 to 54 Volts Uni-Directional
• Bi-Directional Available – Consult Factory
• Hermetic Glass Diode
• 175oC Maximum Operating Temperature
• TX, TXV, and Space Level Screening Available -
Consult Factory
2/
• Replacement for 1N6469 – 1N6476
APPLICATIONS:
•
Voltage Sensitive Component Protection
•
Protection Against Power Surges
•
Lightning Protection
MAXIMUM RATINGS
Symbol
Value
Units
Stand Off Voltage
VRRM
VRSM
VR
5.6 – 54.0
Volts
Steady State Power Dissipation
PD
6.0
Watts
Peak Pulse Power
@ 1.0 msec
PPP
1500
Watts
Operating and Storage Temperature
Top &
Tstg
-65 to +175
ºC
Thermal Resistance
Junction to Lead for Axial, L = 3/8”
Junction to End Tab for Surface Mount
RθJL
RθJE
22
18
ºC/W
AXIAL
SMS
NOTES:
1 For ordering information, price, operating curves, and availability – contact factory.
2 Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - STN6472

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN6303 STANSON-STN6303 Datasheet
705Kb / 6P
STN6303 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN6335 STANSON-STN6335 Datasheet
843Kb / 6P
STN6335 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN6562 STANSON-STN6562 Datasheet
776Kb / 6P
Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN6562 VBSEMI-STN6562 Datasheet
520Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
STMicroelectronics
STN690A STMICROELECTRONICS-STN690A Datasheet
191Kb / 10P
Medium Current, High Performance, Low Voltage NPN Transistor
20-Oct-2006
More results

Similar Description - STN6472

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com