Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN6473 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STN6473
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STN6473 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STN6473 Datasheet HTML 1Page - Solid States Devices, Inc STN6473 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00031C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
STN6469 – STN6476
ELECTRICAL
CHARACTERISTICS (Note 1)
Standoff
Voltage
Maximum
Reverse
Leakage
Reverse
Breakdown
Voltage
Test
Current
Max Clamping
Voltage (VCL) @
Peak Pulse Current
(IPP) (Note 3)
Typical
Temp.
Coefficient of
VBR
Voltage (VBR) @ IT
Replacement
JEDEC Part
Numbers
PART NUMBER
VSO
IR @ VSO
Min
IT
VCL
IPP
UNIPOLAR
Volts
uA
Volts
mA
Volts
Amps
(% /
oC)
STN6469
5
5000
5.6
50
9.0
167
0.04
1N6469
STN6470
6
5000
6.5
50
11.0
137
0.04
1N6470
STN6471
12
1000
13.0
10
22.6
66
0.05
1N6471
STN6472
15
1000
16.4
10
26.5
57
0.06
1N6472
STN6473
24
100
27.0
5
41.4
36.5
.084
1N6473
STN6474
30.5
5
33.0
1
47.5
32
.093
1N6474
STN6475
40.3
5
43.7
1
63.5
24
.094
1N6475
STN6476
51.6
5
54.0
1
78.5
19
.096
1N6476
FIGURE 1
DIMENSIONS
DIM
MIN
MAX
A
0.130”
0.165”
B
0.140”
0.160”
C
0.038”
0.042”
D
1.00”
---
FIGURE 2
DIMENSIONS
DIM
MIN
MAX
A
0.172”
0.178”
B
0.180”
0.230”
C
0.020”
0.028”
D
0.001”
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com