Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N918CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N918CSM
Description  GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N918CSM Datasheet(HTML) 2 Page - Seme LAB

  2N918CSM Datasheet HTML 1Page - Seme LAB 2N918CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N918CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 3mA
IB = 0
IC = 1µAIE = 0
IE = 10µAIC = 0
VCB = 25V
IE = 0
IC = 10mA
IB = 1mA
IC = 10mA
IB = 1mA
IC = 500µAVCE = 10V
IC = 3mA
VCE = 1V
IC = 10mA
VCE = 10V
IC = 4mA
VCE = 10V
f = 100MHz
IE = 0
VCB = 10V
f = 140kHz
VCB = 0
VEB = 0.5V
IC = 0
f = 140kHz
IC = 1mA
VCE = 6V
RG = 400Ω
f = 60MHz
IC = 6mA
VCB = 12V
f = 200MHz
IC = 8mA
VCB = 15V
f = 500MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
VCEO(sus)
Collector – Emitter Sustaining Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
NF
Noise Figure
Gpe
Amplifier Power Gain
PO
Power Output
η
Collector Efficiency
15
30
3
0.010
0.4
1.0
10
20
200
20
600
1.7
3.0
2.0
6.0
15
30
25
V
µA
V
—
MHz
pF
pF
dB
mW
%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com