Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD5KA22 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STD5KA22
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STD5KA22 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STD5KA22 Datasheet HTML 1Page - Solid States Devices, Inc STD5KA22 Datasheet HTML 2Page - Solid States Devices, Inc STD5KA22 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
STD5K
__
__
__
__
└
Screening
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└
Polarity
__ = Normal
(Anode to Stud)
R = Reverse
(Cathode to Stud)
│
│
│
│
│
│
│
│
│
│
└
Voltage
5.0 – 110V
│
│
│
│
│
│
│
│
│
│
│
│
└
Voltage Tolerance
A = 10%
B = 5%
STD5KA5.0 – STD5KA110
STD5KB5.0 – STD5KB110
5000 WATT
5.0-110 VOLTS
UNIDIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
Features:
•
5.0-110 Volt Unidirectional-Anode to Stud
•
Hermetically Sealed
•
Meets all environmental requirements of MIL-S-
19500
•
Custom configurations available
•
Reverse polarity-cathod to stud (Add suffix “R”)
•
TX, TXV, and Space Level screening available
Applications:
•
Protection of voltage sensitive components
•
Protection against power interruption
•
Lightning protection
Maximum Ratings
Stand Off Voltage
VRWM
5.0-110
Volts
Steady State Power Dissipation
PD
8
Watts
Peak Pulse Power @ 1.0 msec
PPP
5000
Watts
Forward Surge Current
IFSM
400
Amps
Peak Pulse Power and Steady State
Power Derating
SEE GRAPH
Peak Pulse Power and Pulse Width
SEE GRAPH
Operating and Storage Temperature
-55°C to +175°C
Note: SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances of + 10% (A) and + 5% (B). For other Voltage and Voltage Tolerances, contact SSDI's
Marketing Department.
DO-5


Similar Part No. - STD5KA22

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD500BLK VCC-STD500BLK Datasheet
67Kb / 1P
STD
logo
SamHop Microelectronics...
STD5025NLS SAMHOP-STD5025NLS Datasheet
791Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STD5025NLS VBSEMI-STD5025NLS Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
27-Oct-2006
logo
VBsemi Electronics Co.,...
STD50N03L VBSEMI-STD50N03L Datasheet
1,019Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD5KA22

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
Transient Voltage Suppressor, Unidirectional
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
Transient Voltage Suppressor, Unidirectional
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004 Datasheet
50Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com