Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N930CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N930CSM
Description  HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N930CSM Datasheet(HTML) 2 Page - Seme LAB

  2N930CSM Datasheet HTML 1Page - Seme LAB 2N930CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
nA
V
MHz
pF
x10-6
µmhos
dB
45
80
5
2
10
10
10
1
0.7
0.9
150
600
30
8
25
32
600
1
150
600
3
2N930CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
LAB
SEME
IC = 10mA
IB = 0
IC = 10µAIE = 0
IE = 10µAIC = 0
VCE = 5V
IB = 0
VCB = 45V
IE = 0
VCE = 45V
VBE = 0
VBE = 5V
IC = 0
IC = 10mA
IB = 0.5mA
VCE = 10V
IC = 500µA
VCE = 10V
IC = 10mA*
IC = 500µAVCE = 5V
f = 30MHz
IE = 0
VCB = 5V
f = 1MHz
IE = 1mA
VCB = 5V
f = 1kHz
VCE = 5V
IC = 0
f = 1MHz
VCE = 5V
IC = 10µA
RS = 10kΩ
f = 10Hz to 15.7kHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Base Cut-off Current
IEBO
Emitter – Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cob
Output Capacitance
hib
Input Impedance
hrb
Voltage Feedback Ratio
hob
Output Admittance
hfe
Small Signal Current Gain
NF
Noise Figure
* Pulse Test: tp ≤ 300µs, δ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com