Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1009 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR1009
Description  PRECISION SHUNT REGULATOR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1009 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR1009_1 Datasheet HTML 1Page - Solid States Devices, Inc SVR1009_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SVR1009 __ __
│
│
│
│
│
└ Screening 2/ __ = Not Screened
H = High Rel Level
K = Space Level
│
└ Package 3/
-4 = LCC 4
/46 = TO-46
/18 = TO-18
SVR1009
SERIES
2.5 Volts
PRECISION SHUNT
REGULATOR DIODE
Features:
• Replacement for LT1009 and LM316 Types
• Eutectic Die Attach
• Maximum Initial Tolerance: 1%
• Guaranteed Temperature Stability
• Typ. 0.2Ω Dynamic Impedance
• Wide Operating Current Range
• Hermetically Sealed Package
• 125oC Operating Temperature
• Class H or K (Space) Screening Available
Maximum Ratings
4/
Symbol
Value
Units
Reverse Current
IR
15
mA
Forward Current
Long Term Stability (IR = 1 mA, TA = 25 + 0.1
oC)
IF
ΔV
Z/VZ/ΔTime
10
20
mA
ppm/khr
Operating Temperature
TOP
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
LCC 4 (-4):
TO-46 (/46):
TO-18 (/18):
FOR PACKAGE OUTLINE REQUEST FOLLOWING DOCUMENTS
PIN ASSIGNMENT
PACKAGE
DOCUMENT
PACKAGE
Anode
Cathode
Adjust
LCC 4 (-4)
60-0149-323
LCC 4 (-4)
Pins 1, 2
Pin 4
Pin 3
TO-46 (/46)
60-0149-046
TO-46 (/46)
Pin 1
Pin 2
Pin 3
TO-18 (/18)
60-0149-018
TO-18 (/18)
Pin 1
Pin 2
Pin 3
NOTE: All specifications are subject to change without notification. SCD's for
these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SVR006C
DOC


Similar Part No. - SVR1009_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009 Datasheet
473Kb / 2P
2.5 Volts PRECISION SHUNT REGULATOR DIODE
More results

Similar Description - SVR1009_1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009 Datasheet
473Kb / 2P
2.5 Volts PRECISION SHUNT REGULATOR DIODE
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Solid States Devices, I...
SVR006 SSDI-SVR006 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006_15 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com