Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2R2CSBK Datasheet(PDF) 1 Page - GREATECS

Part # TP2R2CSBK
Description  6 x 6 mm THT Tactile Switches with Ground Terminal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP2R2CSBK Datasheet(HTML) 1 Page - GREATECS

  TP2R2CSBK Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
6 x 6 mm THT Tactile Switches with Ground Terminal
TP2 Series
TP2R Right Angle Type with Ground Terminal
TP2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
GROUND
TERMINAL
CIRCUIT DIAGRAM
7.00±0.10
1.0±0.05
4.50±0.10
P.C.B. LAYOUT
6.20
4.30
1.50
CIRCUIT DIAGRAM
P.C.B. LAYOUT
6.50±0.10
1.0±0.05
TP2T Top Type with Ground Terminal
6
7
(Caps)
+
R
T
1
2
3
44
48
5
6
1
2
3
44
48
5
6
A
K
C
J
E
TYPE OF TACTILE SWITCH:
Right Angle Type with Ground Terminal
Top Type with Ground Terminal
DIMENSION “H“ FOR TP2R:
H=3.15mm (Round Stem)
H=3.85mm (Round Stem)
H=5.85mm (Round Stem)
H=6.15mm (Square Stem 2.4mm)
H=6.15mm (Square Stem 2.8mm)
H=8.35mm (Round Stem)
H=11.85mm (Round Stem)
DIMENSION “H“ FOR TP2T:
H=4.3mm (Round Stem)
H=5.0mm (Round Stem)
H=7.0mm (Round Stem)
H=7.3mm (Square Stem 2.4mm)
H=7.3mm (Square Stem 2.8mm)
H=9.5mm (Round Stem)
H=13.0mm (Round Stem)
STEM COLOR & OPERATING FORCE:
Black & 100±50gf
Brown & 160±50gf
Red & 260±50gf
Salmon & 320±80gf
Yellow & 520±130gf
Blank
S
BK
K06S
K06R
A
B
C
E
F
G
H
S
MATERIAL OF DOME:
Phosphor Bronze Dome
Stainless Steel Dome
PACKAGE STYLE:
Bulk Pack
Optional:
CAP TYPE
(Only for Square Stems):
Square Caps
Round Caps
COLOR OF CAPS:
Black
Ivory
Red
Yellow
Green
Blue
Gray
Salmon
1
2
3
4
5
6
General Specifications:
MATERIALS
» Contact Disc: Stainless steel
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.25 (+0.2/-0.1) mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life (Phosphor Bronze Dome):
50,000 cycles for 320gf, 520gf
100,000 cycles for 260gf
200,000 cycles for 100gf, 160gf
» Electrical Life (Stainless Steel Dome):
300,000 cycles for 320gf, 520gf
500,000 cycles for 260gf
1,000,000 cycles for 100gf, 160gf
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature
at 260°C max. 5 seconds subject to PCB 1.6mm
thickness.
3.10
Ø4.50
A
A‘
R25
B‘
B
K06R Round Caps
Ø4.50
2.45
1.00
SEC A-A‘
FULL R0.3
SEC B-B‘
B
B‘
4.00
3.10
A
A‘
4.00
2.45
1.00
SEC A-A‘
FULL R0.3
SEC B-B‘
K06S Square Caps
6.20
4.30
0.40
0.70
4.50
7.00±0.50
8.50±0.40
Round Stem
Square Stem
Round Stem
Square Stem
6.55
0.30
2.55
0.70
2.50
4.00
H
TP2R44: 2.4
TP2R48: 2.8
1.70
TP2R44: 1.6
TP2R48: 2.0
6.15
3.15
Round Stem
Square Stem
TP2R1: 0.3 MAX.
TP2R2~TP2R6: 0.4 MAX.
7.40
Round Stem
Ø3.50
Square Stem
Ø3.50
7.90±0.50
6.50±0.50
0.70
0.30
15°
0.70
4.10
Round Stem
TP2T1: 0.4 MAX.
TP2T2~TP2T6: 0.5 MAX.
Ø3.50
Square Stem
TP2T44: 2.4
TP2T48: 2.8
TP2T44: 1.6
TP2T48: 2.0
General Tolerance: ± 0.2 mm
E02
Individual stem heights available by request
6
7
5


Similar Part No. - TP2R2CSBK

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP2R2 FENGJUI-TP2R2 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP2R2B FENGJUI-TP2R2B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TP2R2CSBK

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW BITECH-SWTW Datasheet
232Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
3.5 x 7 mm SMT Tactile Switches with Ground Terminal
TPO GREATECS-TPO Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com