Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC109 Datasheet(PDF) 2 Page - Seme LAB

Part # BC109
Description  GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC109 Datasheet(HTML) 2 Page - Seme LAB

  BC109 Datasheet HTML 1Page - Seme LAB BC109 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BC107
BC108
BC109
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
3/99
VCB = 45V
BC107
VCB = 25V
BC108, BC109
VCB = 45V
BC107
VCB = 25V
BC108, BC109
VEB = 4V
IC = 0
VCE = 5V
IC = 2mA
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
BC107
BC108
BC109
VCE = 5V
IC = 2mA
IB = 0.5mA
IC = 10mA
IB = 0.5mA
IC = 10mA
VCE = 5V
IC = 10mA
f = 100MHz
VCE = 5V
IC = 0.2mA
R = 2k
Ω f =1kH
z ∆F=200Hz
BC109
BC107, BC108
VCE = 5V IC = 2mA f =100kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
BC107
BC108
BC109
VCE = 5V IC = 2mA f = 1kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
VCE = 5V IC = 2mA f = 1kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
VCB = 10V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICBO(1)
Collector-Base Leakage Current
ICBO(1)
Collector-Emitter Leakage Current
@Tamb =125°C
IEBO
Emitter Cut-off Current
h21E
Static Forward Current Transfer Ratio
VBE
Base – Emitter Breakdown
VBE(sat)(1) Base – Emitter Saturation Voltage
VCE(sat)(1) Collector – Emitter Saturation Voltage
fT
Transition Frequency
F
Noise Factor
h21e
Small Signal Forward Current Transfer
Ratio
h11e
Common Emitter Input Impedance
h22e
Common Emitter Output Admittance
C22b
Common Base Output Capacitance
Rth(j-amb)
Thermal Resistance: Junction to
Ambient
15
15
4
4
1
110
220
180
460
380
800
110
460
110
800
180
800
0.7
0.83
0.25
150
4
10
125
260
240
500
450
900
125
500
125
900
240
900
1.6
4.5
3.2
8.5
6.0
15
30
60
110
6
500
nA
µA
µA
V
V
V
MHz
dB
k
Ω
µS
pF
°C/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com