Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY89 Datasheet(PDF) 2 Page - Seme LAB

Part # BCY89
Description  NPN SILICON PLANAR DUAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY89 Datasheet(HTML) 2 Page - Seme LAB

  BCY89 Datasheet HTML 1Page - Seme LAB BCY89 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Parameter
Test Conditions
Unit
10
100
450
100
600
10
50
3.5
4
5
ICBO
hFE
fT
Cc
NF
BCY89
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Collector Cut-Off Current
DC Current Gain
Transistion Frequency
Collector-Capacitance at f = 1MHz
Noise Figure
nA
—
MHz
pF
dB
0.67-1.5
10mV
300nA
—
VCB = 20V
IE = 0
IC = 50mAVCB = 10V
IC = 10mA
VCB = 10V
-IE = 50mAVCB = 10V
-IE = 50mAVCB = 10V
IE = Ie = 0
VCB = 10V
IC = 50µA
VCE = 5V
f =10Hz to15Hz RS = 10kW
IC = 50µA
VCE = 5V
f =200Hz
RS = Opt.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
|1C/|2C|
Ratio of Collector Currents V1B-1E = V2B-2E
|V1B-1E-V2B-2E| Difference between Base-Emitter Voltages
||1B-|2B|
Difference between Base Currents
h1FE/h2FE
D.C. Current Gain Ration
MATCHING CHARACTERISTICS
V1B-1E =V2B-2E
|1C = |2C|
V1B-1E = V2B-2E
|1C = |2C|



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com