Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY72CSM Datasheet(PDF) 3 Page - Seme LAB

Part # BCY72CSM
Description  HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY72CSM Datasheet(HTML) 3 Page - Seme LAB

  BCY72CSM Datasheet HTML 1Page - Seme LAB BCY72CSM Datasheet HTML 2Page - Seme LAB BCY72CSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BCY70CSM
BCY71CSM
BCY72CSM
Prelim. 1/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -0.1mA
VCE = -5V
Rg =2KW
f = 10 to 10000 Hz
BCY70 AND BCY71
BCY70
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
NF
Noise Figure
hie
Input Impedance
hre
Reverse Voltage Ratio
hoe
Output Admittance
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
ton
Turn-on Time
toff
Turn-Off Time
ELECTRICAL CHARACTERISTICS continued (T
A = 25°C unless otherwise stated)
6
2
2
12
20 x 10-4
10
60
23
35
25
35
270
350
50
80
48
65
320
420
dB
K
W
—
mS
ns
ns
ns
ns
ns
ns
NOTES:
* Pulse test: tp £ 300ms , d£ 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com