Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPOSAARGUG Datasheet(PDF) 1 Page - GREATECS

Part # TPOSAARGUG
Description  SPST THT Tactile Switches with LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TPOSAARGUG Datasheet(HTML) 1 Page - GREATECS

  TPOSAARGUG Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
SPST THT Tactile Switches with LED
TPO Series
sales@greatecs.com
www.greatecs.com
4
How to order:
LEFT LED BRIGHTNESS:
LEFT LED COLORS:
Ultra Bright
Regular (std.)
Without LED
G
E
Blue
Yellow
F
C
Green
Red
B White
RIGHT LED BRIGHTNESS:
RIGHT LED COLOR:
U
R
N
Ultra Bright
Regular (std.)
Without LED
G
E
Blue
Yellow
F
C
Green
Red
B White
5
6
7
TPO
1
2
3
4
6
5
7
1
FRAME TYPE:
HOUSING COLOR:
Square With Cap
Square Without Cap
A
H
N
CAP COLOR:
A
D
S
Black (std.)
Orange
Silver Laser with symbol
(see drawing)
H
C
Gray
Red
F
N
Green
Without
2
3
S
N
Black (std.)
Gray
Without
U
R
N
Material
General Specifications:
TPONNN
TPOSNA
TPOSAA
N Without
N Without
TPOSAS


Similar Part No. - TPOSAARGUG

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPOS3316F-100M TRANSKO-TPOS3316F-100M Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPOS3316F-101M TRANSKO-TPOS3316F-101M Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPOS3316F-102M TRANSKO-TPOS3316F-102M Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPOS3316F-150M TRANSKO-TPOS3316F-150M Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
More results

Similar Description - TPOSAARGUG

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
With Button Tactile Switches
logo
GREATECS
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
SPST SMT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
SPST THT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
SPST SMT Tactile Switches with LED
TPK GREATECS-TPK Datasheet
425Kb / 3P
Tactile Switches with LED (two colors available)
TPN GREATECS-TPN Datasheet
325Kb / 1P
SPST THT Tactile Switches with LED
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
logo
Mitsumi Electronics, Co...
SOF MITSUMI-SOF Datasheet
257Kb / 2P
Tactile Switches With Button
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com