Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1S3CSTB Datasheet(PDF) 2 Page - GREATECS

Part # TP1S3CSTB
Description  Standard 6 x 6 mm Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP1S3CSTB Datasheet(HTML) 2 Page - GREATECS

  TP1S3CSTB Datasheet HTML 1Page - GREATECS TP1S3CSTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tactile Switches
Standard 6 x 6 mm Tactile Switches
TP1 Series
sales@greatecs.com
www.greatecs.com
MATERIAL
Base:
UL94V-0 Nylon Thermoplastic (TP1H)
UL94V-0 Nylon High-Temp. Thermoplastic (TP1S)
Cover:
Stainless steel
Stem:
UL94V-0 Nylon Thermoplastic (TP1H)
UL94V-0 Nylon High-Temp. Thermoplastic (TP1S)
Color: Black(100gf) , Brown(160gf) , Red(260gf) , Salmon(320gf) , Yellow(520gf)
Contact Disc:
Phosphor bronze with silver cladding (TP1H)
Stainless Steel (TP1S)
Terminal:
Brass with silver plated
ADDITIONAL ELECTRICAL SPECIFICATIONS
Contact Resistance:
100m
max.
Insulation Resistance:
100M
min. 500VDC
Dielectric Strength:
250 VAC / 1 minute
SOLDERING PROCESS
TP1H:
Reflow Temperature Profile: (reference)
WAVE SOLDERING: Recommended solder temperature
at 500°F(260)max. 5 seconds subject to PBC 1.6mm
thickness ( For through hole type )
Hand soldering: Use a soldering iron of 30 watts
controlled at 350°C approximately max 5 seconds while
applying solder.
TP1S:
HAND SOLDERING : Use a soldering iron of 30 watts,
controlled at 350 approximately 5 seconds while
applying solder.
REFLOW SOLDERING: When applying reflow soldering,
the peak temperature or the reflow oven should be set to
260°C max.
PACKING UNIT
Partnumber
No. / Bag
Partnumber
No. / Tube
Partnumber
No. / Reel
TP1H_ _BK
1000
TP1H1_TB
77
TP1S1_TR
1000
TP1H2_TB
77
TP1S2_TR
900
TP1S1_TB
77
TP1S3_TR
700
TP1S2_TB
77
TP1S44_TR
500
TP1S3_TB
77
TP1S48_TR
500
TP1S44_TB
77
TP1S5_TR
380
TP1S48_TB
77
TP1S5_TB
77
TP1S6_TB
77



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com