Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP89SCN2SATR Datasheet(PDF) 3 Page - GREATECS

Part # TP89SCN2SATR
Description  5x5mm SMT Halogen-Free Tactile Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP89SCN2SATR Datasheet(HTML) 3 Page - GREATECS

  TP89SCN2SATR Datasheet HTML 1Page - GREATECS TP89SCN2SATR Datasheet HTML 2Page - GREATECS TP89SCN2SATR Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tactile Switches
5x5mm SMT Halogen-Free Tactile Switches
TP89 Series
sales@greatecs.com
www.greatecs.com
3
Temperature Profile:
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
General Tolerance ±0.1mm
SOLDERING PROCESS
> Hand Soldering:
Use a soldering iron of 30 watts, controlled at 350°C approximately Max 5 seconds while applying solder.
> Vapor phase & reflow soldering:
Tape & Reel Packaging:
Gull Wing Terminals:
J Bend Terminals:
TP89SG...3...
TP89SG...2...
General Tolerance ±0.1mm
TP89JG...3...
TP89JG...2...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com