Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP7RT57MBK Datasheet(PDF) 1 Page - GREATECS

Part # TP7RT57MBK
Description  7.2 x 7.2 mm Sealed Tactile Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP7RT57MBK Datasheet(HTML) 1 Page - GREATECS

  TP7RT57MBK Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
7.2 x 7.2 mm Sealed Tactile Switches
TP7 Series
General Specifications:
FEATURES
» Positive tactile feedback
» Sealed against flux soldering
» Unique dust-proof construction
MATERIALS
» Contact: Stainless steel / Phosphor bronze
MECHANICAL
» Travel: 0.25 ± 0.1 mm
» Operating Life: 1,000,000 cycles for stainless
contact; 100,000 cycles for phosphor contact
» Operating Temperature: -10°C ~ +50°C
ELECTRICAL
» Rating: DC 12V 50mA
» Contact Resistance: 100m
max.
TP7
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
TP7T THT Terminals without Earth
TP7TE THT Terminals with Earth
TP7S SMT Terminals
TP7RT THT Terminals Right Angle
7.2
Ø3.0
Ø4.6
7.6
Ø3.0
9.0
CIRCUIT
7.62
PCB LAYOUT
Ø0.9
7.2
Ø3.0
Ø4.6
7.6
Ø3.0
9.0
3.8
7.62
PCB LAYOUT
Ø0.9
CIRCUIT
7.2
8.4
Ø3.0
10.0
0.1mm COPLANER
12.0
9.2
PCB LAYOUT
CIRCUIT
8.0
0.3
5.1
7.7
L
4.2
0.3
0.8
1.8 2.54
PCB LAYOUT
7.62
5.08
CIRCUIT
T
TE
S
RT
47
52
69
10
35
40
57
87
TYPE OF TERMINALS:
THT Terminals without Earth
THT Terminals with Earth
SMT Terminals
THT Terminals Right Angle
DIMENSION L :
L=4.7mm (Only for TP7T, TP7TE & TP7S)
L=5.2mm (Only for TP7T, TP7TE & TP7S)
L=6.9mm (Only for TP7T, TP7TE & TP7S)
L=10mm (Only for TP7T, TP7TE & TP7S)
L=3.5mm (Only for TP7RT)
L=4.0mm (Only for TP7RT)
L=5.7mm (Only for TP7RT)
L=8.7mm (Only for TP7RT)
L
N
M
H
BK
TB
OPERATING FORCE:
130 gf
160 gf
250 gf
300 gf
PACKAGING:
Box
Tube
1
2
3
4
4
E07


Similar Part No. - TP7RT57MBK

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
TP7 TOCOS-TP7 Datasheet
223Kb / 3P
CODED SWITCHES
logo
TiMOTION Technology Co....
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
logo
Eaton All Rights Reserv...
TP701 EATON-TP701 Datasheet
42Kb / 2P
Eaton Crouse-Hinds series TP grounding screw with pigtail
logo
TOCOSAMERICA, INC.
TP70GF482 TOCOS-TP70GF482 Datasheet
223Kb / 3P
CODED SWITCHES
TP70GF484 TOCOS-TP70GF484 Datasheet
223Kb / 3P
CODED SWITCHES
More results

Similar Description - TP7RT57MBK

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
7.2 x 7.2 mm Rotary DIP Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Thinking Electronic Ind...
GQF3R230NRW THINKING-GQF3R230NRW Datasheet
214Kb / 4P
SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
logo
API Technologies Corp
CMD109 APITECH-CMD109 Datasheet
128Kb / 1P
7.2 / 7.9 Diplexer
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Telit loT Solutions
UE866 TELIT-UE866 Datasheet
413Kb / 2P
UMTS| HSPA 7.2/5.76 Embedded
UE910-EU TELIT-UE910-EU Datasheet
644Kb / 2P
HSPA 7.2/5.76 Embedded
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
logo
Weidmuller
1806120000 WEIDMULLER-1806120000 Datasheet
491Kb / 5P
EM, Terminal marker, 32.4 x 7.2 mm
logo
Transko Electronics, In...
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com