Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115D12VFS Datasheet(PDF) 1 Page - Make-Ps

Part # 115D12VFS
Description  Single & Dual Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

115D12VFS Datasheet(HTML) 1 Page - Make-Ps

  115D12VFS Datasheet HTML 1Page - Make-Ps 115D12VFS Datasheet HTML 2Page - Make-Ps 115D12VFS Datasheet HTML 3Page - Make-Ps 115D12VFS Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 100VFS 1 Watt DC/DC’s are specially designed to provide
ultra-high levels of isolation 3000VDC in a miniature SIP
package. The series consists of 27 models with input voltages
of 5V, 12V and 24V, and offers standard output voltages of
3.3V, 5V, 9V, 12V, 15V, ±5V, ±9V, ±12V, and ±15V for a wide choice.
The 100VFS series is an excellent selection for a variety of
applications including distributed power systems, mixed
analog/digital subsystems, portable test equipment, local
power networks and battery backed systems.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
•• H
HIIG
GH
H
IISSO
OLLA
AT
TIIO
ON
N
-- 33000000 V
VD
DC
C
•• U
Up
p tto
o 8811 %
% E
Effffiic
ciie
en
nc
cyy
•• SSiinnggllee aanndd D
Du
ua
all O
Ou
uttp
pu
utt,, 11 w
wa
atttt c
co
on
nvve
errtte
err
•• A
Avva
aiilla
ab
blle
e iin
n 55,, 1122,, a
an
nd
d 2244 V
VD
DC
C IIn
np
pu
uttss
•• M
Miin
niia
attu
urre
e P
Pa
ac
ckka
ag
ge
e
•• SSM
MT
T T
Te
ec
ch
hn
no
ollo
og
gyy
F
F EEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
5 VDC Input Models
VDC
12 VDC Input Models
VDC
24 VDC Input Models
VDC
Input Fuse Requirements
5 VDC Input Models
mA; Slow blow type
12 VDC Input Models
mA; Slow blow type
15 VDC Input Models
mA; Slow blow type
Reverse Polarity Input Current
Amp
Input Filter
Input Capacitor
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Output Voltage Balance
% Equal Output
(Duals)
Loads
Line Regulation
%; % Change /
Percentage change
in Input
voltage
Load Regulation
% Output voltage
measured from FL
to 20% load
Ripple/Noise
mV p-p, Nom.Line
@FL, 20MHz B.W.,
using 1
μf bypass
capacitor
Ripple/Noise
mV p-p, Over Line,
Load & Temp., 20
MHz B.W.,
using 1
μf bypass
capacitor
Short Circuit Protection
Second, Momentary
Temperature Coefficient
% per degree C
Min Typ
±1.0
±0.1
±1.2
65
±0.01
Max
±3.0
±1.0
±1.5
100
150
<0.5
±0.02
Single & Dual Output
DC/DC Converter
Min
4.5
10.8
21.6
Typ
5
12
24
500
200
100
Max
5.5
13.2
26.4
0.3
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Million Hours,
+25oC, Ground
Benign
Min
70
3000
10,000
2
Typ
100
60
Max
120
100
See
Model Selection
Guide
>> B-9
100VFS series
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 115D12VFS

ManufacturerPart #DatasheetDescription
logo
Make-Ps
115D12VFI MAKE-PS-115D12VFI Datasheet
197Kb / 4P
Single & Dual Output DC/DC Converter
More results

Similar Description - 115D12VFS

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com