Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115D24HFS Datasheet(PDF) 4 Page - Make-Ps

Part # 115D24HFS
Description  Single & Dual Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

115D24HFS Datasheet(HTML) 4 Page - Make-Ps

  115D24HFS Datasheet HTML 1Page - Make-Ps 115D24HFS Datasheet HTML 2Page - Make-Ps 115D24HFS Datasheet HTML 3Page - Make-Ps 115D24HFS Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
DEERRA
AT
TIIN
NG
G
C
CU
UR
RV
VE
ES
S
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 100HFS Single - 3.3V, 5V & ±5V Output
Natural
Convection
400LFM
200LFM
100LFM
100
90
80
70
60
50
40
30
20
10
0
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 100HFS Single - 24V
Natural
Convection
200LFM
400LFM
100LFM
100
90
80
70
60
50
40
30
20
10
0
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 100HFS Dual - 5V Output
Natural
Convection
200LFM
400LFM
100LFM
100
90
80
70
60
50
40
30
20
10
0
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 100HFS Dual - all other outputs
Natural
Convection
400LFM
200LFM
100LFM
100
90
80
70
60
50
40
30
20
10
0
>> B-8
www.make-ps.com
E-mail:info@make-ps.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com